Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2603 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2603
Description  Total Power Solution for Portable Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2603 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2603 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2603 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AAT2603
Total Power Solution for Portable Applications
PRODUCT DATASHEET
4
2603.2008.10.1.2
www .analogictech.com
AAT2603
Total Power Solution for Portable Applications
PRODUCT DATASHEET
4
2603.2008.10.1.2
www .analogictech.com
Pin Configuration
TQFN44-28
(Top View)
1
2
3
4
5
6
7
89
EP
10
28
27
26
25
24
23
22
11
12
13
14
21
20
19
18
17
16
15
LX2
ENB2
FBB2
ENL3
AGND
FBL3
OUTL3
FBL2
ENL2
OUTL2
INL12
OUTL1
AIN
FBB1
Part Number Descriptions
Part Number
Output Voltage1
DC-DC1 (Buck1)
DC-DC2 (Buck2)
(SELB2 = Low)
DC-DC2 (Buck2)
(SELB2 = High)
LDOs 1-4
AAT2603INJ-1-T1
Ext. Adj. (VFBB1 = 600mV) Ext. Adj. (VFBB2 = 600mV) Ext. Adj. (VFBB2 = 775mV)
Ext. Adj. (VFBLX = 1.2V)
AAT2603INJ-2-T1
3.3V
1.0V
1.3V
Ext. Adj. (VFBLX = 1.2V)
AAT2603INJ-3-T1
Ext. Adj. (VFBB1 = 600mV)
1.0V
1.3V
Ext. Adj. (VFBLX = 1.2V)
Absolute Maximum Ratings1
TA = 25°C unless otherwise noted.
Symbol
Description
Value
Units
INBX, INLXX, AIN to AGND
-0.3 to 6.0
V
ENBX, ENLX, FBBX, FBLX, BYP to AGND
-0.3 to VAIN+0.3
V
LX1 to PGND1
-0.3 to VINB1+0.3
V
LX2 to PGND2
-0.3 to VINB2+0.3
V
PGNDX to AGND, PGND1 to PGND2
-0.3 to 0.3
V
Operating Temperature Range
-40 to 150
°C
Storage Temperature Range
-65 to 150
°C
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Recommended Operating Conditions
Symbol
Description
Value
Units
θJA
Thermal Resistance
50
°C/W
PD
Maximum Power Dissipation
2
W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum rating should be applied at any one time.


Similar Part No. - AAT2603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
   Total Power Solution for Portable Applications
AAT2603INJ-1-T1 ANALOGICTECH-AAT2603INJ-1-T1 Datasheet
4Mb / 26P
   Total Power Solution for Portable Applications
AAT2603INJ-2-T1 ANALOGICTECH-AAT2603INJ-2-T1 Datasheet
4Mb / 26P
   Total Power Solution for Portable Applications
AAT2603INJ-3-T1 ANALOGICTECH-AAT2603INJ-3-T1 Datasheet
4Mb / 26P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com