Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1205I074TRLF Datasheet(PDF) 7 Page - Semtech Corporation

Part # XE1205I074TRLF
Description  180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1205I074TRLF Datasheet(HTML) 7 Page - Semtech Corporation

Back Button XE1205I074TRLF Datasheet HTML 3Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 4Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 5Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 6Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 7Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 8Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 9Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 10Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
© Semtech 2008
www.semtech.com
7
XE1205
5
DESCRIPTION
The XE1205 is a direct conversion (Zero-IF) half-duplex data transceiver. It includes receiver, transmitter, frequency
synthesizer and control logic. The circuit is intended primarily for operation in the following three ISM frequency bands
433 MHz, 868 MHz, and 915 MHz with a same 39MHz reference crystal and uses 2-level FSK modulation.
Operation of the XE1205 over the frequency range 180 MHz - 1000 MHz beyond the ISM bands described above can be
achieved by modifying the reference oscillator crystal frequency. Please contact Semtech for more details.
The XE1205 is programmed by a microcontroller through the 3-wire fully-compatible SPI serial bus (MOSI, MISO, and
SCK) to write to and read from the configuration registers.
The circuit consists of the following main functional blocks:
The receiver converts the incoming 2-level FSK modulated signal into a synchronized bit stream. The receiver comprises
a low-noise amplifier, down-conversion mixers, baseband filters, baseband amplifiers, limiters, demodulator and bit
synchronizer. The bit synchronizer transforms the data output of the demodulator into a glitch-free bit stream DATAOUT
and synchronized clock DCLK. This may be easily used to sample the DATAOUT signal with minimal external processor
overhead. In addition, the receiver includes a Received Signal Strength Indicator (RSSI) function and a Frequency Error
Indicator (FEI) function that provides an indication of the local oscillator frequency error. A pattern recognition function
may be used to detect a user-programmable reference word in the incoming bit stream. The bandwidth of the base-band
filters, the frequency deviation of the expected incoming FSK signal as well as the bit rate of the received data signal are
all user-programmable. The receiver also embeds an automatic frequency offset cancellation to compensate local
oscillator drifts due to XTAL.
The transmitter performs the modulation of the carrier by an input baseband data signal and the transmission of the
modulated signal. The frequency synthesizer is modulated directly. The modulated signal is then amplified by the on-chip
RF power amplifier. The output power is user-programmable to one of four possible values. The frequency deviation and
the bit rate for the transmit signal are the same as those programmed for the receiver section. User-defined pre-filtering
should be enabled to ensure compliance with the requirements of ETSI EN 300 220-1 regarding transmission at 25 kHz
channel spacing.
The frequency synthesizer generates the local oscillator (LO) signal for the receiver section as well as the FSK
modulated signal for the transmitter section. The core of the synthesizer is implemented with a PLL structure. The
frequency is user-programmable with a frequency resolution of approximately 500 Hz in the 433 MHz, 868 MHz and 915
MHz ISM frequency bands. This section includes a crystal oscillator whose signal is the reference for the PLL. This
reference frequency is divided by 2, 4, 8, 16, or 32 and is made available at the CLKOUT pin to serve as a clock signal
for an external processor.
The control block generates the control signals according to the setting in its set of configuration registers.
The service block performs all the necessary functions for the circuit to work properly, including the internal voltage and
current sources.
5.1
DATA OPERATION MODES
The XE1205 is user-programmable between two modes of operation:
Continuous mode
: each bit transmitted or received is accessed directly at the DATA input/output pin.
Buffered mode
: a 16-byte FIFO is used to store each data byte transmitted or received. This data is written to/read from
the FIFO via the SPI bus. It reduces processor overhead.


Similar Part No. - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE12001 OKAYA-XE12001 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE12001 OKAYA-XE12001 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE1201 OKAYA-XE1201 Datasheet
401Kb / 1P
   SPARK QUENCHER
More results

Similar Description - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
   868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com