Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1205I074TRLF Datasheet(PDF) 1 Page - Semtech Corporation

Part # XE1205I074TRLF
Description  180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1205I074TRLF Datasheet(HTML) 1 Page - Semtech Corporation

  XE1205I074TRLF Datasheet HTML 1Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 2Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 3Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 4Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 5Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 6Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 7Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 8Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Rev 10 December 2008
www.semtech.com
1
XE1205
XE1205
180 MHz – 1GHz
Low-Power, High Link Budget Integrated UHF Transceiver
GENERAL DESCRIPTION
The XE1205 is an integrated transceiver operating in
the 433, 868 and 915 MHz license-free ISM (Industrial,
Scientific and Medical) frequency bands; it can also
address other frequency bands in the 180-1000 MHz
range. Its highly integrated architecture allows for
minimum external components while maintaining
design
flexibility.
All
major
RF
communication
parameters are programmable and most of them can
be dynamically set. The XE1205 offers the unique
advantage
of
narrow-band
and
wide-band
communication, this without the need to modify the
number or parameters of the external components.
The XE1205 is optimized for low power consumption
while offering high RF output power and channelized
operation suited for both the European (ETSI EN 300-
220-1) and the North American (FCC part 15)
regulatory standards. TrueRF™ technology enables a
low-cost external component count (elimination of the
SAW filter) whilst still satisfying ETSI and FCC
regulations.
APPLICATIONS
Narrow-band and wide-band security systems
Voice and data over an RF link
Process and building control
Access control
Home automation
Home appliances interconnection
KEY PRODUCT FEATURES
• Programmable RF output power: up to +15 dBm
• High Rx sensitivity: down to -121 dBm at 1.2 kbit/s,
-116 dBm at 4.8 kbits.
• Low power: RX=14 mA; TX = 62 mA @ 15 dBm
• Can accommodate 300-1000 MHz frequency range
• Wide band operation: up to 304.7 kbit/s, NRZ coding
• Narrow band operation: 25 kHz channels for data
rates up to 4.8 kbit/s, NRZ coding; optional
transmitter pre-filtering to enable adjacent channel
power below -37 dBm at 25 kHz
• On-chip frequency synthesizer with minimum
frequency resolution of 500 Hz
• Continuous phase 2-level FSK modulation
• Incoming data pattern recognition
• Built-in Bit-Synchronizer for incoming data and clock
synchronization and recovery
• FEI (Frequency Error Indicator) with built-in AFC
• RSSI (Received Signal Strength Indicator)
• 16-byte FIFO for transmit / receive data buffering
and transfer via SPI bus
ORDERING INFORMATION
Part number
Temperature range
Package
XE1205I074TRLF(1)
-40 °C to +85 °C
VQFN48
(1)
TR refers to tape & reel.
LF refers to Lead Free package.
This device is WEEE and RoHS compliant


Similar Part No. - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE12001 OKAYA-XE12001 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE12001 OKAYA-XE12001 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE1201 OKAYA-XE1201 Datasheet
401Kb / 1P
   SPARK QUENCHER
More results

Similar Description - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
   868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com