Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1205I074TRLF Datasheet(PDF) 2 Page - Semtech Corporation

Part # XE1205I074TRLF
Description  180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1205I074TRLF Datasheet(HTML) 2 Page - Semtech Corporation

  XE1205I074TRLF Datasheet HTML 1Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 2Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 3Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 4Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 5Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 6Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 7Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 8Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
© Semtech 2008
www.semtech.com
2
XE1205
TABLE OF CONTENTS
1
Non-conformance ........................................................................................................................................................ 3
2
Functional Block Diagram........................................................................................................................................... 3
3
Pin description............................................................................................................................................................. 4
4
Electrical Characteristics ............................................................................................................................................ 5
4.1
Absolute Maximum Operating Ranges .......................................................................................................................... 5
4.2
Specifications................................................................................................................................................................. 5
4.2.1
Operating Range ........................................................................................................................................................... 5
4.2.2
Electrical Specifications ................................................................................................................................................. 5
5
Description ................................................................................................................................................................... 7
5.1
Data Operation Modes................................................................................................................................................... 7
5.2
Receiver section ............................................................................................................................................................ 8
5.2.1
LNA & Receiver modes ................................................................................................................................................. 8
5.2.2
Interrupt signal mapping ................................................................................................................................................ 8
5.2.3
Receiver in continuous mode......................................................................................................................................... 8
5.2.4
DATA pin in bidirectional or unidirectional mode (continuous mode only) ................................................................... 14
5.2.5
Receiver in buffered mode........................................................................................................................................... 14
5.2.6
Additional narrowband filter bandwidths ...................................................................................................................... 17
5.3
Transmitter section ...................................................................................................................................................... 18
5.3.1
Output power ............................................................................................................................................................... 18
5.3.2
Transmitter in continuous mode................................................................................................................................... 18
5.3.3
Transmitter in buffered mode....................................................................................................................................... 20
5.4
Frequency synthesizer................................................................................................................................................. 21
5.4.1
Clock Output for an external processor ....................................................................................................................... 21
6
Highest Bit RATES: example of 304.7 kbit/s operation .......................................................................................... 22
6.1
Registers settings ........................................................................................................................................................ 22
6.1.1
Bitrate (BR) and frequency deviation (fdev)................................................................................................................. 22
6.1.2
Rx filter ........................................................................................................................................................................ 22
6.1.3
Tx filter......................................................................................................................................................................... 22
6.2
Hardware settings........................................................................................................................................................ 23
6.3
Operation..................................................................................................................................................................... 23
6.4
Typical performance .................................................................................................................................................... 23
7
Serial interface definition and principle of operation ............................................................................................. 24
7.1
Serial Control Interface ................................................................................................................................................ 24
7.1.1
Chip configuration via SPI_CONFIG interface............................................................................................................. 25
7.1.2
Data transmission and reception via SPI_DATA interface........................................................................................... 26
7.2
Configuration and status registers ............................................................................................................................... 28
7.2.1
Configuration register: general description .................................................................................................................. 28
7.2.2
MCParam configuration register (main configuration parameters)............................................................................... 29
7.2.3
IRQParam configuration register (IRQ parameters)..................................................................................................... 30
7.2.4
TXParam configuration register (transmitter configuration parameters) ...................................................................... 31
7.2.5
RXParam configuration register (receiver configuration parameters) .......................................................................... 31
7.2.6
Pattern register ............................................................................................................................................................ 33
7.2.7
OSCParam configuration register (oscillator parameters) ........................................................................................... 34
7.2.8
ADParam configuration register (additional settings)................................................................................................... 35
7.3
Operating Modes ......................................................................................................................................................... 36
7.3.1
XE1205 switching time using SPI_CONFIG interface.................................................................................................. 36
7.3.2
XE1205 switching time using SW(1:0) pins. ................................................................................................................ 38
7.4
Selection of the reference frequency ........................................................................................................................... 38
7.5
Clock output interface .................................................................................................................................................. 39
7.6
Default settings at power-up ........................................................................................................................................ 39
7.7
Pad configuration versus chip modes .......................................................................................................................... 40
8
Application information ............................................................................................................................................ 41
8.1
Matching network of the receiver ................................................................................................................................. 41
8.2
Matching network of the transmitter............................................................................................................................. 41
8.3
VCO tank ..................................................................................................................................................................... 44
8.4
Loop filter of the frequency synthesizer ....................................................................................................................... 45
8.5
Reference crystal for the frequency synthesizer .......................................................................................................... 46
9
Packaging information .............................................................................................................................................. 47


Similar Part No. - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE12001 OKAYA-XE12001 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE12001 OKAYA-XE12001 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE1201 OKAYA-XE1201 Datasheet
401Kb / 1P
   SPARK QUENCHER
More results

Similar Description - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
   868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com