Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDA3.3-6 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SRDA3.3-6
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA3.3-6 Datasheet(HTML) 7 Page - Semtech Corporation

  SRDA3.3-6 Datasheet HTML 1Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 2Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 3Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 4Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 5Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 6Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 7Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 8Page - Semtech Corporation SRDA3.3-6 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SRDA3.3-6 and SRDA05-6
Applications Information (continued)
the current will be directed through the integrated TVS
diode to ground. The total clamping voltage seen by
the protected IC due to this path will be:
V
C
= V
F(RailClamp)
+ V
TVS
This is given in the data sheet as the rated clamping
voltage of the device. For an SRDA05-6 the typical
clamping voltage is <16V at I
PP
=30A. The diodes
internal to the RailClamp are low capacitance, fast
switching devices that are rated to handle high tran-
sient currents and maintain excellent forward voltage
characteristics.
Using the RailClamp does not negate the need for good
board layout. All other inductive paths must be consid-
ered. The connection between the positive supply and
the SRDA and from the ground plane to the SRDA
must be kept as short as possible. The path between
the SRDA and the protected line must also be mini-
mized. The protected lines should be routed directly to
the SRDA. Placement of the SRDA on the PC board is
also critical for effective ESD protection. The device
should be placed as close as possible to the input
connector. The reason for this is twofold. First,
inductance resists change in current flow. If a signifi-
cant inductance exists between the connector and the
TVS, the ESD current will be directed elsewhere (lower
resistance path) in the system. Second, the effects of
radiated emissions and transient coupling can cause
upset to other areas of the board even if there is no
direct path to the connector. By placing the TVS close
to the connector it will divert the ESD current immedi-
ately and absorb the ESD energy before it can be
coupled into nearby traces.
(Reference Semtech application note SI99-01 for
further information on board layout)
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.


Similar Part No. - SRDA3.3-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA3.3-6.TBT SEMTECH-SRDA3.3-6.TBT Datasheet
168Kb / 9P
   Low Capacitance TVS Diode Array
SRDA3.3-6 SEMTECH-SRDA3.3-6_10 Datasheet
168Kb / 9P
   Low Capacitance TVS Diode Array
More results

Similar Description - SRDA3.3-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com