Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRV05-4.TCT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SRV05-4.TCT
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRV05-4.TCT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SRV05-4.TCT Datasheet HTML 4Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 5Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 6Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 7Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 8Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 9Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 10Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 11Page - Semtech Corporation SRV05-4.TCT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SRV05-4
Figure 7 - Digital Video Interface (DVI) Protection
DVI Protection
The small geometry of a typical digital-visual interface
(DVI) graphic chip will make it more susceptible to
electrostatic discharges (ESD) and cable discharge
events (CDE). Transient protection of a DVI port can
be challenging. Digital-visual interfaces can often
transmit and receive at a rate equal to or above
1Gbps. The high-speed data transmission requires the
protection device to have low capacitance to maintain
signal integrity and low clamping voltage to reduce
stress on the protected IC. The SRV05-4 has a low
typical insertion loss of <0.4dB at 1GHz (I/O to ground)
to ensure signal integrity and can protect the DVI
interface to the 8kV contact and 15kV air ESD per IEC
61000-4-2 and CDE.
Figure 7 shows how to design the SRV05-4 into the
DVI circuit on a flat panel display and a PC graphic
card. The SRV05-4 is configured to provide common
mode and differential mode protection. The internal
TVS of the SRV05-4 acts as a 5 volt reference. The
power pin of the DVI circuit does not come out through
the connector and is not subjected to external ESD
pulse; therefore, pin 5 should be left unconnected.
Connecting pin 5 to Vcc of the DVI circuit may result in
damage to the chip from ESD current.
10/100 ETHERNET PROTECTION
Ethernet ICs are vulnerable to damage from electro-
static discharge (ESD).
The internal protection in the
PHY chip, if any, often is not enough due to the high
energy of the discharges specified by IEC 61000-4-2.
If the discharge is catastrophic, it will destroy the
protected IC. If it is less severe, it will cause latent
failures that are very difficult to find.
10/100 Ethernet operates at 125MHz clock over a
twisted pair interface. In a typical system, the twisted-
pair interface for each port consists of two differential
signal pairs: one for the transmitter and one for the
receiver, with the transmitter input being the most
sensitive to damage. The fatal discharge occurs
differentially across the transmit or receive line pair
and is capacitively coupled through the transformer to
the Ethernet chip. Figure 8 shows how to design the
SRV05-4 on the line side of a 10/100 ethernet port to
provide differential mode protection. The common
mode isolation of the transformer will provide common
mode protection to the rating of the transformer
isolation which is usually >1.5kV. If more common
mode protection is needed, figure 9 shows how to
design the SRV05-4 on the IC side of the 10/100


Similar Part No. - SRV05-4.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRV05-4.TCT SEMTECH-SRV05-4.TCT Datasheet
289Kb / 12P
   Low Capacitance TVS Diode Array
logo
TECH PUBLIC Electronics...
SRV05-4.TCT TECHPUBLIC-SRV05-4.TCT Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
logo
Guangdong Youtai Semico...
SRV05-4.TCT UMW-SRV05-4.TCT Datasheet
868Kb / 4P
   Low Capactiance 4-Line TVS Array
More results

Similar Description - SRV05-4.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com