Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1502 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX1502
Description  4/8/16 Channel Low Voltage GPIO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1502 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX1502 Datasheet HTML 3Page - Semtech Corporation SX1502 Datasheet HTML 4Page - Semtech Corporation SX1502 Datasheet HTML 5Page - Semtech Corporation SX1502 Datasheet HTML 6Page - Semtech Corporation SX1502 Datasheet HTML 7Page - Semtech Corporation SX1502 Datasheet HTML 8Page - Semtech Corporation SX1502 Datasheet HTML 9Page - Semtech Corporation SX1502 Datasheet HTML 10Page - Semtech Corporation SX1502 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 7 – 2
nd Oct. 2008
www.semtech.com
7
SX1501/SX1502/SX1503
4/8/16 Channel Low Voltage GPIO
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
Stress above the limits listed in the following table may cause permanent failure. Exposure to absolute ratings for
extended time periods may affect device reliability. The limiting values are in accordance with the Absolute
Maximum Rating System (IEC 134). All voltages are referenced to ground (GND).
Symbol
Description
Min
Max
Unit
VDDMmax
Main supply voltage
- 0.4
6.0
V
VCC1,2max
I/O banks supply voltage
- 0.4
6.0
V
VESD_HBM
Electrostatic handling HBM model
(1)
-
1500
V
VESD_CDM
Electrostatic handling CDM model
-
300
V
VESD_MM
Electrostatic handling MM model
-
200
V
TA
Operating Ambient Temperature Range
-40
+85
°C
TC
Junction Temperature Range
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
Ilat
Latchup-free input pin current
(2)
+/-100
-
mA
(1) Tested according to JESD22-A114A
(2) Static latch-up values are valid at maximum temperature according to JEDEC 78 specification
Table 4 - Absolute Maximum Ratings
2.2
Electrical Specifications
Table below applies to default registers values (Boost Mode Off), unless otherwise specified. Typical values are
given for TA = +25°C, VDDM=VCC1=VCC2=3.3V.
Symbol
Description
Conditions
Min
Typ
Max
Unit
Supply
VDDM
Main supply voltage
-
1.2
-
5.5
V
VCC1,2
I/O banks supply voltage
-
1.2
-
5.5
V
IDDM
Main supply current
(I
2C inactive)
-
-
1
5
µA
VCC1,2 >= 2V
-
1
2
ICC1,2
I/O banks supply current
(1)
VCC1,2 < 2V
-
0.5
1
µA
I/Os set as Input
VIH
High level input voltage
-
0.7*
VCC1,2
-
VCC1,2
+0.3
V
VIL
Low level input voltage
-
-0.4
-
0.3*
VCC1,2
V
VHYS
Hysteresis of Schmitt trigger
-
-
0.1*
VCC1,2
-
V
ILEAK
Input leakage current
Assuming no active
pull-up/down
-1.5
-
1.5
µA
CI
Input capacitance
-
-
-
10
pF
I/Os set as Output
VOH
High level output voltage
-
VCC1,2
– 0.3
-
VCC1,2
V
VOL
Low level output voltage
-
-0.4
-
0.3
V
VCC1,2 >= 2V
-
-
8
IOH
High level output source
current
VCC1,2 < 2V
-
-
0.3
(2)
mA
VCC1,2 >= 2V
-
-
24
Low level output sink current
for the high sink I/Os
VCC1,2 < 2V
-
-
6
(2)
mA
VCC1,2 >= 2V
-
-
12
IOL
Low level output sink current
for the other I/Os.
VCC1,2 < 2V
-
-
6
mA
tPV
Output data valid timing
Cf. Figure 9
-
-
1.5
µs
NINT (Output)
VOL
Low level output voltage
-
-
-
0.3
V
VDDM >= 2V
-
-
12
IOLM
Low level output sink current
VDDM < 2V
-
-
6
mA
tIV
Interrupt valid timing
From input data change
-
-
1
µs


Similar Part No. - SX1502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1502 SEMTECH-SX1502 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
622Kb / 33P
   4/8/16 Channel GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
SX1502I087TRT SEMTECH-SX1502I087TRT Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
More results

Similar Description - SX1502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501_09 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1504 SEMTECH-SX1504 Datasheet
622Kb / 33P
   4/8/16 Channel GPIO with NINT and NRESET
logo
Analog Devices
ADG706 AD-ADG706_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707 AD-ADG707_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG706 AD-ADG706 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com