Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B10011S-MFPG1Y Datasheet(PDF) 8 Page - ATMEL Corporation

Part # B10011S-MFPG1Y
Description  Can Transceiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

B10011S-MFPG1Y Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button B10011S-MFPG1Y Datasheet HTML 4Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 5Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 6Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 7Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 8Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 9Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 10Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 11Page - ATMEL Corporation B10011S-MFPG1Y Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
4749D–AUTO–10/07
B10011S
Figure 6-3.
Implementation of a Power Filter and Over Clamps
7.
Application Hints
As an interface between CAN controllers and a two-wire data bus system for serial data inter-
change, this device is adapted to a special high-level, low-speed transmission system, which is
useful in harsh environments. High immunity against ground offset and interference voltages on
the bus have been the design goals for this device, rather than low power consumption or a min-
imum of external components. An error detection scheme is implemented in the receiver part to
give quick information to the controller in case of faults occurring on the bus. Thus, the controller
is able to start a search cycle in order to look for the possibility of single-wire operation or to dis-
able the station from the bus.
An automatic error-signal end is not feasible because parts of the system are disabled during
single-wire operation. Therefore, the controller has to carry out short tests by switching to the
two-wire state and checking, whether the error signal is still present or not. Errors due to dirty
contacts, shorts between high and low line, or interruptions may not be recognized at all,
because this device does not contain a complete fault computer.
Two control inputs A
sel and Bsel enable four operation modes (see Table “Operating Modes” on
page 4’). Depending on the nature of the error, the error signal ER is internally generated partly
in the recessive or partly in the dominant transmission state. In order to avoid watching the error
bits bitwise, an open-collector output driver (with a 1-k
Ω series resistor) discharges a storage
capacitor, which is charged by a time constant, long enough to hold the 0 state for, e.g., 200 µs,
thus, giving the controller enough time to recognize this status during idle times. Only the charg-
ing resistor may be changed and not the 2.2-nF capacitor. In order to perform a faster error-end
test, the charging resistor may be shorted by an NPN emitter follower or by a tristate output high
for approximately 1 to 2 µs.
The pinout of the device shows a controller side (pins 1 to 8) and a bus side (pins 9 to 16). The
application circuit utilizes an input filter section which is necessary for every station and a bias
section which is needed in two master stations only. Additional slave stations only contain the
driving resistors at pins 11 and 12 (270
Ω and 220Ω), the choke coil, and capacitor between pins
13 and 10.
A power filter and overvoltage clamp is highly recommended in order to avoid transmission
errors due to spikes on the 24-V battery voltage.
The input filter is designed as an 2-RC filter for 125 kbit/s and may be changed to 250 kbit/s. Its
good pulse response and good suppression of high frequencies should not be weakened by
omitting one of the capacitors.
From battery
(cl. 15)
Ground
10
33V
To V
CC (pin 13)
To pin 10
+
22 µF


Similar Part No. - B10011S-MFPG1Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
208Kb / 12P
   Can Transceiver IC
More results

Similar Description - B10011S-MFPG1Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
logo
Sanyo Semicon Device
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com