Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U211B-XY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U211B-XY
Description  Phase Control IC with Overload Limitation for Tacho Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U211B-XY Datasheet(HTML) 5 Page - ATMEL Corporation

  U211B-XY Datasheet HTML 1Page - ATMEL Corporation U211B-XY Datasheet HTML 2Page - ATMEL Corporation U211B-XY Datasheet HTML 3Page - ATMEL Corporation U211B-XY Datasheet HTML 4Page - ATMEL Corporation U211B-XY Datasheet HTML 5Page - ATMEL Corporation U211B-XY Datasheet HTML 6Page - ATMEL Corporation U211B-XY Datasheet HTML 7Page - ATMEL Corporation U211B-XY Datasheet HTML 8Page - ATMEL Corporation U211B-XY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
4752B–INDCO–09/05
U211B
5.
Voltage Monitoring
As the voltage is built up, uncontrolled output pulses are avoided by internal voltage surveil-
lance. At the same time, all latches in the circuit (phase control, load limit regulation, soft start)
are reset and the soft-start capacitor is short circuited. Used with a switching hysteresis of
300 mV, this system guarantees defined start-up behavior each time the supply voltage is
switched on or after short interruptions of the mains supply.
6.
Soft Start
As soon as the supply voltage builds up (t
1), the integrated soft start is initiated. Figure 6-1
shows the behavior of the voltage across the soft-start capacitor, which is identical with the volt-
age on the phase-control input on pin 12. This behavior guarantees a gentle start-up for the
motor and automatically ensures the optimum run-up time.
Figure 6-1.
Soft Start
C
3 is first charged up to the starting voltage V0 with a current of typically 45 µA (t2). By reducing
the charging current to approximately 4 µA, the slope of the charging function is also substan-
tially reduced, so that the rotational speed of the motor only slowly increases. The charging
current then increases as the voltage across C
3 increases, resulting in a progressively rising
charging function which accelerates the motor more and more with increasing rotational speed.
The charging function determines the acceleration up to the set point. The charging current can
have a maximum value of 55 µA.
VC3
t
V12
V0
t1
ttot
t2
t3
t
1 = Build-up of supply voltage
t
2 = Charging of C3 to starting voltage
t
1 + t2 = Dead time
t
3 = Run-up time
t
tot = Total start-up time to required speed


Similar Part No. - U211B-XY

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U211B TEMIC-U211B Datasheet
322Kb / 20P
   Phase Control Circuit - General Purpose Feedback
logo
List of Unclassifed Man...
U211B ETC1-U211B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
TEMIC Semiconductors
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
   Phase Control Circuit - General Purpose Feedback
U211B3 TEMIC-U211B3 Datasheet
322Kb / 20P
   Phase Control Circuit - General Purpose Feedback
More results

Similar Description - U211B-XY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
logo
STMicroelectronics
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
   Gas gauge IC with battery charger control for handheld applications
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
   Phase control IC TDA2086A
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com