Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U5021M Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U5021M
Description  Digital Window Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U5021M Datasheet(HTML) 5 Page - ATMEL Corporation

  U5021M_05 Datasheet HTML 1Page - ATMEL Corporation U5021M_05 Datasheet HTML 2Page - ATMEL Corporation U5021M_05 Datasheet HTML 3Page - ATMEL Corporation U5021M_05 Datasheet HTML 4Page - ATMEL Corporation U5021M_05 Datasheet HTML 5Page - ATMEL Corporation U5021M_05 Datasheet HTML 6Page - ATMEL Corporation U5021M_05 Datasheet HTML 7Page - ATMEL Corporation U5021M_05 Datasheet HTML 8Page - ATMEL Corporation U5021M_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
4756D–AUTO–11/05
U5021M
4.5
Microcontroller in Active Mode
4.5.1
Monitoring with the “Short” Trigger Window
After the switch-over mode the watchdog operates in short watchdog mode and expects a trig-
ger pulse from the microcontroller within the defined time window, t
3, (enable time). The
watchdog generates a reset pulse which resets the microcontroller if
• the trigger pulse duration is too long
• the trigger pulse is within the disable time, t
2
• there is no trigger pulse
Figure 4-3 shows the pulse diagram with a missing trigger pulse.
Figure 4-3.
Pulse Diagram with no Trigger Pulse During the Short Watchdog Time
Figure 4-4 on page 6 shows a correct trigger sequence. The positive edge of the trigger signal
starts a new monitoring cycle with the disable time, t
2. To ensure correct operation of the micro-
controller, the watchdog needs to be triggered three times correctly before it sets its enable
output. This feature is used to activate or deactivate safety-critical components which have to be
switched to a certain condition (emergency status) in the case of a microcontroller malfunction.
As soon as there is an incorrect trigger sequence, the enable signal is reset and it takes a
sequence of three correct triggers before enable is active.
4.6
Microcontroller in Sleep Mode
4.6.1
Monitoring with the “Long” Trigger Window
The long watchdog mode allows cyclical wake-up of the microcontroller during sleep mode. As
in short watchdog mode, there is a disable time, t
4, and an enable time, t5, in which a trigger sig-
nal is accepted. The watchdog can be switched from the short trigger window to the long trigger
window with a “high” potential at the mode pin (pin 3). In contrast to the short watchdog mode,
the time periods are now much longer and the enable output remains inactive so that other com-
ponents can be switched off to effect a further decrease in current consumption. As soon as a
wake-up signal at the wake-up input (pins 1) is detected, the long watchdog mode ends, a reset
pulse wakes-up the sleeping microcontroller and the normal monitoring cycle starts with the
mode switch-over time.
t
0
V
DD
Mode
Trigger
Reset out
Pin 2
Pin 3
Pin 5
Pin 6
t
1
t
2
t
3


Similar Part No. - U5021M_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M-NFP ATMEL-U5021M-NFP Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
More results

Similar Description - U5021M_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
   Digital Window Watchdog Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com