Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1211I084T Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX1211I084T
Description  Ultra-Low Power Integrated UHF Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1211I084T Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX1211I084T Datasheet HTML 5Page - Semtech Corporation SX1211I084T Datasheet HTML 6Page - Semtech Corporation SX1211I084T Datasheet HTML 7Page - Semtech Corporation SX1211I084T Datasheet HTML 8Page - Semtech Corporation SX1211I084T Datasheet HTML 9Page - Semtech Corporation SX1211I084T Datasheet HTML 10Page - Semtech Corporation SX1211I084T Datasheet HTML 11Page - Semtech Corporation SX1211I084T Datasheet HTML 12Page - Semtech Corporation SX1211I084T Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
SX1211
ADVANCED COMMUNICATIONS & SENSING
Rev 7 – Sept 2
nd, 2008
Page 9 of 92
www.semtech.com
2.4.2. Frequency Synthesis
Table 6: Frequency Synthesizer Specification
(1) Guaranteed by design and characterization
2.4.3. Transmitter
Table 7: Transmitter Specification
(1) Guaranteed by design and characterization
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Frequency ranges
Programmable but requires
specific BOM
863
902
950
-
-
-
870
928
960
MHz
MHz
MHz
BR_F
Bit rate (FSK)
NRZ
1.56
-
200
Kb/s
BR_O
Bit rate (OOK)
NRZ
1.56
-
32
Kb/s
FDA
Frequency deviation (FSK)
33
50
200
kHz
XTAL
Crystal oscillator frequency
9
12.8
15
MHz
FSTEP
Frequency synthesizer
step
Variable, depending on the
frequency.
-
2
-
kHz
TS_OSC
Oscillator wake-up time
From Sleep mode
(1)
-
1.5
5
ms
TS_FS
Frequency synthesizer
wake-up time at most
10 kHz away from the
target
From Stby mode
-
500
800
µs
200 kHz step
-
180
-
µs
1 MHz step
-
200
-
µs
5 MHz step
-
250
-
µs
7 MHz step
-
260
-
µs
12 MHz step
-
290
-
µs
20 MHz step
-
320
-
µs
TS_HOP
Frequency synthesizer hop
time at most 10 kHz away
from the target
27 MHz step
-
340
-
µs
Symbol
Description
Conditions
Min
Typ
Max
Unit
Maximum power setting
-
+12.5
-
dBm
RFOP
RF output power,
programmable with 8 steps
of typ. 3dB
Minimum power setting
-
-8.5
-
dBm
PN
Phase noise
Measured with a 600 kHz
offset, at the transmitter
output.
-
-112
-
dBc/Hz
SPT
Transmitted spurious
At any offset between
200 kHz and 600 kHz,
unmodulated carrier, Fdev
= 50 kHz.
-
-
-47
dBc
TS_TR
(1)
Transmitter wake-up time
From FS to Tx ready.
-
120
500
µs
TS_TR2
(1)
Transmitter wake-up time
From Stby to Tx ready.
-
600
900
µs


Similar Part No. - SX1211I084T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1211I084TRT SEMTECH-SX1211I084TRT Datasheet
1Mb / 73P
   Lowest Power Integrated UHF Transceiver Short Range Devices
More results

Similar Description - SX1211I084T

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
   Ultra-Low Power Integrated UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com