Electronic Components Datasheet Search |
|
SX1211I084T Datasheet(PDF) 11 Page - Semtech Corporation |
|
SX1211I084T Datasheet(HTML) 11 Page - Semtech Corporation |
11 / 92 page SX1211 ADVANCED COMMUNICATIONS & SENSING Rev 7 – Sept 2 nd, 2008 Page 11 of 92 www.semtech.com 2.4.5. Digital Specification Conditions: Temp = 25 °C, VDD = 3.3 V, crystal freq uency = 12.8 MHz, unless otherwise specified. Table 9: Digital Specification Note: on pin 10 (XTAL_P) and 11 (XTAL_N), maximum voltages of 1.8V can be applied. Symbol Description Conditions Min Typ Max Unit VIH Digital input level high 0.8*VDD - - V VIL Digital input level low - - 0.2*VDD V VOH Digital output level high Imax=1mA 0.9*VDD - - V VOL Digital output level low Imax=-1mA - - 0.1*VDD V SCK_CONFIG SPI Config. clock frequency - - 6 MHz SCK_DATA SPI Data clock frequency - - 1 MHz T_DATA DATA hold and setup time 2 - - µs T_MOSI_C MOSI setup time for SPI Config. 250 - - ns T_MOSI_D MOSI setup time for SPI Data. 312 - - ns T_NSSC_L NSS_CONFIG low to SCK rising edge. SCK falling edge to NSS_CONFIG high. 500 - - ns T_NSSD_L NSS_DATA low to SCK rising edge. SCK falling edge to NSS_DATA high. 625 - - ns T_NSSC_H NSS_CONFIG rising to falling edge. 500 - - ns T_NSSD_H NSS_DATA rising to falling edge. 625 - - ns |
Similar Part No. - SX1211I084T |
|
Similar Description - SX1211I084T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |