Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1701A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX1701A
Description  Highly linear wideband LNA Single-channel, single-ended to differential conversion
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1701A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX1701A Datasheet HTML 5Page - Semtech Corporation SX1701A Datasheet HTML 6Page - Semtech Corporation SX1701A Datasheet HTML 7Page - Semtech Corporation SX1701A Datasheet HTML 8Page - Semtech Corporation SX1701A Datasheet HTML 9Page - Semtech Corporation SX1701A Datasheet HTML 10Page - Semtech Corporation SX1701A Datasheet HTML 11Page - Semtech Corporation SX1701A Datasheet HTML 12Page - Semtech Corporation SX1701A Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SX1701A
ADVANCED COMMUNICATION & SENSING PRODUCTS
Datasheet
6
PACKAGE OUTLINE DRAWING
SX1701A is assembled in a MLPQ-16, 4 mm x 4 mm as shown in Figure 6.
Figure 6. Package outline drawing.
7
MARKING INFORMATION
Notes:
1. 1701A = Product code (SX1701A)
2. yyww = Datecode (Example 0824)
3. xxxxx = Lot number
1701A
yyww
xxxxx
xxxxx
Figure 7. Marking information.
V1.11_STD – August 26
th, 2008
11/13
www.semtech.com


Similar Part No. - SX1701A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701B SEMTECH-SX1701B Datasheet
462Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701BI085TRT SEMTECH-SX1701BI085TRT Datasheet
462Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701I085TRT SEMTECH-SX1701I085TRT Datasheet
464Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
More results

Similar Description - SX1701A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701B SEMTECH-SX1701B Datasheet
462Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
   Highly Linear LNA/Downconverter 800-900 MHz
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
TriQuint Semiconductor
TGA4893-SL TRIQUINT-TGA4893-SL_15 Datasheet
74Kb / 1P
   200/400 Gb/s Differential input, Single Ended output, Dual Channel Linear Driver
logo
Maxim Integrated Produc...
MAX19505EVKIT MAXIM-MAX19505EVKIT Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX4447 MAXIM-MAX4447 Datasheet
324Kb / 12P
   6500V/關s, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
Rev 1; 10/99
logo
Microsemi Corporation
LE89156 MICROSEMI-LE89156 Datasheet
141Kb / 2P
   Single Channel Wideband FXS
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com