Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U641B-MFPY Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U641B-MFPY
Description  Interval and Wipe/Wash Wiper Control IC with Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U641B-MFPY Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U641B-MFPY Datasheet HTML 4Page - ATMEL Corporation U641B-MFPY Datasheet HTML 5Page - ATMEL Corporation U641B-MFPY Datasheet HTML 6Page - ATMEL Corporation U641B-MFPY Datasheet HTML 7Page - ATMEL Corporation U641B-MFPY Datasheet HTML 8Page - ATMEL Corporation U641B-MFPY Datasheet HTML 9Page - ATMEL Corporation U641B-MFPY Datasheet HTML 10Page - ATMEL Corporation U641B-MFPY Datasheet HTML 11Page - ATMEL Corporation U641B-MFPY Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
4773C–AUTO–10/07
U641B
8.
Diagrams
Figure 8-1.
Interval Pause = f (T); C
t = 22 µF
Figure 8-2.
After-wiping Time = f (T); C
t = 22 µF; VBatt = 8V
Figure 8-3.
Prewash Time = f (T); C
t = 22 µF
0
2
4
6
8
10
12
-40
-20
0
20
40
60
80
100
Temperature (˚C)
R
int = 0
R
int = 5 kΩ
R
int = 10 kΩ
0
2
4
6
8
10
12
-40
-20
0
20
40
60
80
100
Temperature (˚C)
R
time = 130 kΩ
R
time = 51 kΩ
R
time = 300 kΩ
V
Batt = 8V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
Temperature (˚C)
V
Batt = 8V
V
Batt = 16V


Similar Part No. - U641B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U641B-MFPY ATMEL-U641B-MFPY Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
More results

Similar Description - U641B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com