Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2406-DEV-BOARD Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATR2406-DEV-BOARD
Description  Low-IF 2.4-GHz ISM Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-BOARD Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATR2406-DEV-BOARD Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 9Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 10Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 11Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
4779N–ISM–12/08
ATR2406
8
Synthesizer
8.1
External reference input
frequency
D7 = 0
D7 = 1
REF_CLK
10.368
13.824
MHz
MHz
8.2
Sinusoidal input signal level
(peak-to-peak value)
AC-coupled sine wave
REF_CLK
500
1000
mV
PP
8.3
Scaling factor prescaler
S
PSC
32/33
-
8.4
Scaling factor main counter
S
MC
86/87/88/89
-
8.5
Scaling factor swallow counter
SSC
031
-
9
Phase Detector
9.1
Phase detector comparison
frequency
f
PD
1728
kHz
10
Charge-pump Output
10.1
Charge-pump output current
V
CP = 1/2 VCC
I
CP
±2
mA
10.2
Leakage current
VCP = 1/2 VCC
IL
±100
1000
pA
11
Timing Conditions(1)(2)
11.1
Transmit to receive time
Reference clock stable
TX
→ RX time
200
µs
11.2
Receive to transmit time
Reference clock stable
RX
→ TX time
200
µs
11.3
Channel switch time
Reference clock stable
CS time
200
µs
11.4
Power down to transmit
Reference clock stable
PD
→ TR time
250
µs
11.5
Power down to receive
Reference clock stable
PD
→ RX time
200
µs
11.6
Programming register
Reference clock stable
PRR time
3
µs
11.7
PLL settling time
Reference clock stable
PLL set time
200
µs
12
Interface Logic Input and Output Signal Levels, Pin DATA, CLOCK, ENABLE
12.1
HIGH-level input voltage
Logic 1
V
IH
1.4
3.1
V
12.2
LOW-level input voltage
Logic 0
VIL
–0.3
+0.4
V
12.3
HIGH-level output voltage
Logic 1
VOH
3.1
V
12.4
LOW-level output voltage
Logic 0
V
OL
0V
12.5
Input bias current
Logic 1 or logic 0
Ibias
–5
+5
µA
12.6
3-wire bus clock frequency
fCLKmax
10
MHz
6.
Electrical Characteristics (Continued)
VS = 3.6V with AUX regulator, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. Measured and guaranteed only on the Atmel® evaluation board, including microstrip filter, balun, and Smart Radio Fre-
quency (Smart RF) firmware. Conducted measured.
2. Timing is determined by external loop filter characteristics. Faster timing can be achieved by modification of the loop filter.
For further information refer to the application notes.
3. The Gaussian filter control setting (GFCS) is used to compensate production tolerances by tuning the modulation deviation
in production to the nominal value of 400 kHz.
4. Burst mode with 0.9% duty cycle


Similar Part No. - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
   LOW IF WDCT 2.4 GHz TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
   Low IF WDCT 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com