Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5423 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA5423
Description  UHF ASK/FSK Transceiver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA5423_07 Datasheet HTML 6Page - ATMEL Corporation ATA5423_07 Datasheet HTML 7Page - ATMEL Corporation ATA5423_07 Datasheet HTML 8Page - ATMEL Corporation ATA5423_07 Datasheet HTML 9Page - ATMEL Corporation ATA5423_07 Datasheet HTML 10Page - ATMEL Corporation ATA5423_07 Datasheet HTML 11Page - ATMEL Corporation ATA5423_07 Datasheet HTML 12Page - ATMEL Corporation ATA5423_07 Datasheet HTML 13Page - ATMEL Corporation ATA5423_07 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
10
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3.
RF Transceiver
As seen in Figure 1-3 on page 6, the RF transceiver consists of an LNA (Low-noise Amplifier),
PA (Power Amplifier), RX/TX switch, fractional-N frequency synthesizer and the signal process-
ing part with mixer, IF filter, IF amplifier with analog RSSI, FSK/ASK demodulator, data filter, and
data slicer.
In receive mode the LNA pre-amplifies the received signal which is converted down to 226 kHz
(ATA5423/ATA5428) and 235 kHz (ATA5425/ATA5429), filtered and amplified before it is fed
into an FSK/ASK demodulator, data filter, and data slicer. The RSSI (Received Signal Strength
Indicator) signal and the raw digital output signal of the demodulator are available at the pins
RSSI and DEM_OUT. The demodulated data signal Demod_Out is fed to the digital control logic
where it is evaluated and buffered as described in the section “Digital Control Logic” .
In transmit mode, the fractional-N frequency synthesizer generates the TX frequency which is
fed to the PA. In ASK mode the PA is modulated by the signal PA_Enable. In FSK mode the PA
is enabled and the signal TX_DATA (FSK) modulates the fractional-N frequency synthesizer.
The frequency deviation is digitally controlled and internally fixed to about ±16 kHz (see Table
4-1 on page 28 for exact values). The transmit data can also be buffered as described in the
section “Digital Control Logic” . A lock detector within the synthesizer ensures that the transmis-
sion will start only if the synthesizer is locked.
The RX/TX switch can be used to combine the LNA input and the PA output to a single antenna
with a minimum of losses.
Transparent modes without buffering of RX and TX data are also available to allow protocols
and coding schemes other than the internally supported Manchester encoding.
3.1
Low-IF Receiver
The receive path consists of a fully integrated low-IF receiver. It fulfills the sensitivity, blocking,
selectivity, supply voltage and supply current specification needed to manufacture, for example,
an automotive remote control unit without the use of SAW blocking filter (see Figure 2-1 on page
7). In a Base-station Application (5V) the receiver can be used with an additional blocking SAW
front-end filter as shown in Figure 2.2 on page 8.
At 433.92 MHz the receiver has a typical system noise figure of 7.0 dB, a system I1dBCP of
-30 dBm and a system IIP3 of –20 dBm. There is no AGC or switching of the LNA needed; thus,
a better blocking performance is achieved. This receiver uses an IF (Intermediate Frequency) of
226 kHz, the typical image rejection is 30 dB and the typical 3 dB IF filter bandwidth is 185 kHz
(f
IF = 226 kHz ±92.5 kHz, flo_IF = 133.5 kHz and fhi_IF = 318.5 kHz). The demodulator needs a
signal to Gaussian noise ratio of 8 dB for 20 Kbit/s Manchester with ±16 kHz frequency deviation
in FSK mode; thus, the resulting sensitivity at 433.92 MHz is typically –106 dBm at 20 Kbit/s
Manchester.
Due to the low phase noise and spurious emissions of the synthesizer in receive mode
(1)
together with the eighth order integrated IF filter, the receiver has a better selectivity and block-
ing performance than more complex double superhet receivers but without external components
and without numerous spurious receiving frequencies.


Similar Part No. - ATA5423_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5423_0601 ATMEL-ATA5423_0601 Datasheet
182Kb / 2P
   SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
More results

Similar Description - ATA5423_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com