Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA2525R533-DDW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA2525R533-DDW
Description  IR Receiver ASSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2525R533-DDW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA2525R533-DDW Datasheet HTML 4Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 5Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 6Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 7Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 8Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 9Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 10Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 11Page - ATMEL Corporation ATA2525R533-DDW Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
4854E–AUTO–10/06
ATA2525
Figure 6-7.
Application Circuit
I
IN_DC
I
IN
V
IN
V
O
I
Ee
I
S
I
OCL
I
L
R
1 = 220Ω
C
2
(1)
≤ 470 pF
R
2
(1) > 2.4 k
(1) optional
C
1 = 4.7 µF
+
GND
OUT
Microcontroller
ATA2525
IN
RPU = 40 k
IN
VS
V
DD = 5V


Similar Part No. - ATA2525R533-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
More results

Similar Description - ATA2525R533-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com