Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0601-PFQW Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR0601-PFQW
Description  GPS Front-end IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601-PFQW Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR0601-PFQW Datasheet HTML 1Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 2Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 3Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 4Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 5Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 6Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 7Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 8Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
4866G–GPS–11/06
ATR0601
3.
Functional Description
3.1
General Description
The ATR0601 GPS receiver IC has been especially designed for GPS applications in both
mobile phone and automotive applications. From this system point of view, it incorporates high-
est isolation between GPS and cellular bands, as well as very low power consumption.
The L1 input signal (f
RF) is a Direct Sequence Spread Spectrum (DSSS) signal with a centre fre-
quency of: f
RF = 1575.42 MHz. The digital modulation scheme is Bi-Phase-Shift-Keying (BPSK)
with a chip rate of 1.023 Mbps. As the input signal power at the antenna is approximately
–140 dBm, the desired signal is below the thermal noise floor.
3.2
PMSS Logic
The Power Management, Startup and Shutdown Logic ensures reliable operation within the rec-
ommended operating and timing conditions. The external power control signals PUrf and PUxto
are passed thru Schmitt-trigger inputs, digital and analog supply voltages are analyzed by moni-
toring circuits.
3.3
XTO
The XTO is designed for minimum phase noise and frequency perturbations. The balanced
topology gives maximum isolation from external and ground coupled noise. The built-in jump
start circuitry ensures reliable start-up behaviour of any specified crystal. For use with an exter-
nal TCXO, the XTO circuitry can be used as a single-ended or balanced input buffer.
The recommended reference frequency is: f
XTO = 23.104 MHz.
3.4
VCO/PLL
The frequency synthesizer features a balanced VCO and a fully integrated loop filter, thus no
external components are required. The VCO combines very good phase noise behaviour and
excellent spurious suppression. The relation between the reference frequency (f
XTO) and the
VCO centre frequency (f
VCO) is given by: fVCO =fXTO × 64 = 23.104 MHz × 64 = 1478.656 MHz.
3.5
RF-Mixer/Image-filter
Combined with the antenna an external LNA provides a first band-pass filtering of the signal. For
the LNA, Atmel’s ATR0610 is recommended, due to it’s low Noise Figure, high linearity an low
power consumption. The output of the LNA drives an SAW filter, which provides image rejection
for the mixer and the required isolation of all GSM bands. The output of the SAW filter is fed into
a highly linear mixer with high conversion gain and excellent noise performance.
The IF frequency (f
IF) is given by: fIF = fRF – fVCO = 1575.42 MHz – 1478.656 MHz = 96.764 MHz.
3.6
IF-filter
The mixer directly drives an external LC band-pass filter via open collector outputs. In order to
provide highest selectivity and conversion gain, it is recommended to design the external filter,
according to the application proposal, as a 2-pole filter with a quality factor Q > 25.


Similar Part No. - ATR0601-PFQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0601-PFQW ATMEL-ATR0601-PFQW Datasheet
1Mb / 17P
   GPS FRONT-END IC
More results

Similar Description - ATR0601-PFQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com