Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5760 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA5760
Description  UHF ASK/FSK Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5760 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA5760 Datasheet HTML 1Page - ATMEL Corporation ATA5760 Datasheet HTML 2Page - ATMEL Corporation ATA5760 Datasheet HTML 3Page - ATMEL Corporation ATA5760 Datasheet HTML 4Page - ATMEL Corporation ATA5760 Datasheet HTML 5Page - ATMEL Corporation ATA5760 Datasheet HTML 6Page - ATMEL Corporation ATA5760 Datasheet HTML 7Page - ATMEL Corporation ATA5760 Datasheet HTML 8Page - ATMEL Corporation ATA5760 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
4896D–RKE–08/08
ATA5760/ATA5761
The nominal frequency f
LO is determined by the RF input frequency fRF and the IF frequency fIF
using the following formula (low side injection):
f
LO = fRF - fIF
To determine f
LO, the construction of the IF filter must be considered at this point. The nominal IF
frequency is f
IF = 950 kHz. To achieve a good accuracy of the filter corner frequencies, the filter
is tuned by the crystal frequency f
XTO. This means that there is a fixed relation between fIF and
f
LO.
f
IF =fLO/915 for BIF = 600 kHz
f
IF =fLO/878 for BIF = 300 kHz
The relation is designed to achieve the nominal IF frequency of
f
IF = 950 kHz for the 868.3 MHz and BIF = 600 kHz version,
f
IF = 989 kHz for the 868.3 MHz and BIF = 300 kHz version and
for the 915 MHz version an IF frequency of f
IF = 1.0 MHz results.
The RF input either from an antenna or from an RF generator must be transformed to the RF
input pin LNA_IN. The input impedance of that pin is provided in the electrical parameters. The
parasitic board inductances and capacitances influence the input matching. The RF receiver
ATA5760/ATA5761 exhibits its highest sensitivity if the LNA is power matched. This makes the
matching to an SAW filter as well as to 50
Ω or an antenna easier.
Figure 14-1 on page 30 shows a typical input matching network for f
RF = 868.3 MHz to 50Ω. Fig-
ure 14-2 on page 30 illustrates an according input matching for 868.3 MHz to an SAW. The input
matching network shown in Figure 14-1 on page 30 is the reference network for the parameters
given in the electrical characteristics.


Similar Part No. - ATA5760

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5760

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com