Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5761 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5761
Description  UHF ASK/FSK Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5761 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5761 Datasheet HTML 7Page - ATMEL Corporation ATA5761 Datasheet HTML 8Page - ATMEL Corporation ATA5761 Datasheet HTML 9Page - ATMEL Corporation ATA5761 Datasheet HTML 10Page - ATMEL Corporation ATA5761 Datasheet HTML 11Page - ATMEL Corporation ATA5761 Datasheet HTML 12Page - ATMEL Corporation ATA5761 Datasheet HTML 13Page - ATMEL Corporation ATA5761 Datasheet HTML 14Page - ATMEL Corporation ATA5761 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
4896D–RKE–08/08
ATA5760/ATA5761
Figure 8-1.
Polling Mode Flow Chart
Figure 8-2.
Timing Diagram for Complete Successful Bit Check
Sleep mode:
All circuits for signal processing are
disabled. Only XTO and Polling logic is
enabled.
Output level on Pin IC_ACTIVE => low
I
S = ISoff
T
Sleep = Sleep x XSleep x 1024 x TClk
Start-up mode:
The signal processing circuits are
enabled. After the start-up time (T
Startup)
all circuits are in stable
condition and ready to receive.
Output level on Pin IC_ACTIVE => high
I
S = ISon
T
Startup
Bit-check mode:
The incoming data stream is
analyzed. If the timing indicates a valid
transmitter signal, the receiver is set to
receiving mode. Otherwise it is set to
Sleep mode.
Output level on Pin IC_ACTIVE => high
I
S = ISon
T
Bit-check
Receiving mode:
The receiver is turned on permanently
and passes the data stream to the
connected microcontroller.
It can be set to Sleep mode through an
OFF command via Pin DATA or
Output level on Pin IC_ACTIVE => high
I
S = ISon
Bit check
OK ?
OFF command
Sleep:
5-bit word defined by Sleep0 to
Sleep4 in OPMODE register
X
Sleep:Extension factor defined by
XSleepStd
according to Table 9
T
Clk:Basic clock cycle defined by fXTO
and Pin MODE
T
Startup:Is defined by the selected baud rate
range and TClk. The baud-rate range
is defined by Baud0 and Baud1 in
the OPMODE register.
NO
YES
POLLING/_ON.
T
Bit-check :
Depends on the result of the bit check
If the bit check is ok, T
Bit-check
depends on the number of bits to be
checked (N
Bit-check) and on the
utilized data rate.
If the bit check fails, the average
time period for that check depends
on the selected baud-rate range and
on T
Clk. The baud-rate range is
defined by Baud0 and Baud1 in the
OPMODE register.
Bit check
IC_ACTIVE
Data_out (DATA)
1/2 Bit
Start-up mode
(Number of checked Bits: 3)
Bit check ok
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
Receiving mode
Dem_out
Bit-check mode
T
Start-up
T
Bit-check


Similar Part No. - ATA5761

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5761 ATMEL-ATA5761 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5761

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com