Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0622-DK1 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0622-DK1
Description  GPS Baseband Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622-DK1 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0622-DK1 Datasheet HTML 2Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 3Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 4Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 5Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 6Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 7Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 8Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 9Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
4891G–GPS–08/08
ATR0622P
P14
1
I/O
Configurable (PD)
NAADET1
“0”
P15
17
I/O
PD
ANTON
P16
6
I/O
Configurable (PU)
NEEPROM
SIGHI1
P17
2
I/O
Configurable (PD)
GPSMODE5
SCK1
SCK1
P18
45
I/O
Configurable (PU)
TXD1
TXD1
P19
53
I/O
Configurable (PU)
GPSMODE6
SIGLO1
P20
4
I/O
Configurable (PD)
TIMEPULSE
SCK2
SCK2
P21
52
I/O
Configurable (PU)
TXD2
TXD2
P22
30
I/O
PU to VBAT18
RXD2
RXD2
P23
3
I/O
Configurable (PU)
GPSMODE7
SCK
SCK
P24
5
I/O
Configurable (PU)
GPSMODE8
MOSI
MOSI
P25
55
I/O
Configurable (PD)
NAADET0
MISO
MISO
P26
44
I/O
Configurable (PU)
GPSMODE10
NSS
NPCS0
P27
54
I/O
Configurable (PU)
GPSMODE11
NPCS1
P29
50
I/O
Configurable (PU)
GPSMODE12
NPCS3
P30
16
I/O
PD
AGCOUT0
AGCOUT0
P31
31
I/O
PU to VBAT18
RXD1
RXD1
RF_ON
15
OUT
PD
SIGHI0
38
IN
SIGLO0
39
IN
TCK
9
IN
PU
TDI
10
IN
PU
TDO
11
OUT
TMS
12
IN
PU
USB_DM
34
I/O
USB_DP
35
I/O
VBAT
22
IN
VBAT18(3)
23
OUT
VDD18
7, 14
IN
VDD18
18, 36
IN
VDD18
51
IN
VDDIO(4)
43, 56
IN
VDD_USB(5)
33
IN
XT_IN
28
IN
XT_OUT
27
OUT
NC(6)
42
Table 3-1.
ATR0622P Pinout (Continued)
Pin Name
QFN56
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
IO
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. Ground plane
3. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 17.
4. VDDIO is the supply voltage for the following GPIO-pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 17.
5. VDD_USB is the supply voltage for following the USB-pins: USB_DM and USB_DP, see section “Power Supply” on page
17. For operation of the USB interface, supply of 3.0V to 3.6V is required.
6. This pin is not connected


Similar Part No. - ATR0622-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
More results

Similar Description - ATR0622-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com