Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA3742P3-TGQY Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA3742P3-TGQY
Description  UHF ASK/FSK Receiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA3742P3-TGQY Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA3742P3-TGQY Datasheet HTML 5Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 6Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 7Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 8Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 9Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 10Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 11Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 12Page - ATMEL Corporation ATA3742P3-TGQY Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
4900B–RKE–11/07
ATA3742
R
Sense can be connected to VS or GND via a microcontroller. The receiver can be switched from
full sensitivity to reduced sensitivity or vice versa at any time. In polling mode, the receiver will
not wake up if the RF input signal does not exceed the selected sensitivity. If the receiver is
already active, the data stream at pin DATA will disappear when the input signal is lower than
defined by the reduced sensitivity. Instead of the data stream, the pattern shown in Figure 4-3 is
issued at pin DATA to indicate that the receiver is still active.
Figure 4-3.
Steady L State Limited DATA Output Pattern
4.4
FSK/ASK Demodulator and Data Filter
The signal coming from the RSSI amplifier is converted into the raw data signal by the ASK/FSK
demodulator. The operating mode of the demodulator is set via pin ASK/FSK. Logic “L” sets the
demodulator to FSK mode; logic “H” sets it into ASK mode.
In ASK mode, an automatic threshold control circuit (ATC) is employed to set the detection refer-
ence voltage to a value where a good signal-to-noise ratio is achieved. This circuit also implies
the effective suppression of any kind of inband noise signals or competing transmitters. If the
SNR exceeds 10 dB, the data signal can be detected properly.
The FSK demodulator is intended to be used for an FSK deviation of
∆f ≥ 20 kHz. Lower values
may be used, but the sensitivity of the receiver will be reduced. The minimum usable deviation is
dependent on the selected baud rate. In FSK mode, only BR_Range0 and BR_Range1 are
available. In FSK mode, the data signal can be detected if the SNR exceeds 2 dB.
The output signal of the demodulator is filtered by the data filter before it is fed into the digital
signal processing circuit. The data filter improves the SNR as its pass band can be adopted to
the characteristics of the data signal. The data filter consists of a 1st-order high-pass and a
1st-order low-pass filter.
The high-pass filter cut-off frequency is defined by an external capacitor connected to pin
CDEM. The cut-off frequency of the high-pass filter is defined by the following formula:
In self-polling mode, the data filter must settle very rapidly to achieve a low current consumption.
Therefore, CDEM cannot be increased to very high values if self-polling is used. On the other
hand, CDEM must be large enough to meet the data filter requirements according to the data
signal. Recommended values for CDEM are given in “Electrical Characteristics” on page 26. The
values are slightly different for ASK and FSK mode.
The cut-off frequency of the low-pass filter is defined by the selected baud rate range
(BR_Range). BR_Range is defined in the OPMODE register (refer to Section “Configuration of
the Receiver” on page 20). BR_Range must be set in accordance to the used baud rate.
The ATA3742 is designed to operate with data coding where the DC level of the data signal is
50%. This is valid for Manchester and Bi-phase coding. If other modulation schemes are used,
the DC level should always remain within the range of V
DC_min = 33% and VDC_max = 66%. The
sensitivity may be reduced by up to 1.5 dB in that condition.
tDATA_L_max
tmin2
DATA
f
cu_DF
1
2
π
×
30 k
×
CDEM
×
-------------------------------------------------------------
=


Similar Part No. - ATA3742P3-TGQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA3742P3-TGQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com