Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5760N-TGQY Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5760N-TGQY
Description  UHF ASK/FSK Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5760N-TGQY Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5760N-TGQY Datasheet HTML 5Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 6Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 7Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 8Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 9Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 10Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 11Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 12Page - ATMEL Corporation ATA5760N-TGQY Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
4896D–RKE–08/08
ATA5760/ATA5761
6.
Polling Circuit and Control Logic
The receiver is designed to consume less than 1 mA while being sensitive to signals from a cor-
responding transmitter. This is achieved via the polling circuit. This circuit enables the signal
path periodically for a short time. During this time the bit-check logic verifies the presence of a
valid transmitter signal. Only if a valid signal is detected, the receiver remains active and trans-
fers the data to the connected microcontroller. If there is no valid signal present, the receiver is
in sleep mode most of the time resulting in low current consumption. This condition is called poll-
ing mode. A connected microcontroller is disabled during that time.
All relevant parameters of the polling logic can be configured by the connected microcontroller.
This flexibility enables the user to meet the specifications in terms of current consumption, sys-
tem response time, data rate etc.
Regarding the number of connection wires to the microcontroller, the receiver is very flexible. It
can be either operated by a single bi-directional line to save ports to the connected microcon-
troller or it can be operated by up to five uni-directional ports.
7.
Basic Clock Cycle of the Digital Circuitry
The complete timing of the digital circuitry and the analog filtering is derived from one clock. This
clock cycle T
Clk is derived from the crystal oscillator (XTO) in combination with a divide by 14 cir-
cuit. According to section “RF Front End” on page 4, the frequency of the crystal oscillator (f
XTO)
is defined by the RF input signal (f
RFin) which also defines the operating frequency of the local
oscillator (f
LO). The basic clock cycle is TClk = 14/fXTO giving TClk = 2.066 µs for fRF =868.3 MHz
and T
Clk = 1.961 µs for fRF =915 MHz.
T
Clk controls the following application-relevant parameters:
• Timing of the polling circuit including bit check
• Timing of the analog and digital signal processing
• Timing of the register programming
• Frequency of the reset marker
• IF filter center frequency (f
IF0)
Most applications are dominated by two transmission frequencies: f
Transmit = 915 MHz is mainly
used in USA, f
Transmit = 868.3 MHz in Europe. In order to ease the usage of all TClk-dependent
parameters on this electrical characteristics display three conditions for each parameter.
• Application USA (f
XTO = 7.14063 MHz, TClk = 1.961 µs)
• Application Europe
(f
XTO = 6.77617 MHz, TClk =2.066 µs) for BIF = 600 kHz
(f
XTO = 6.77587 MHz, TClk =2.066 µs) for BIF = 300 kHz
• Other applications The electrical characteristic is given as a function of T
Clk.
The clock cycle of some function blocks depends on the selected baud-rate range (BR_Range)
which is defined in the OPMODE register. This clock cycle T
XClk is defined by the following for-
mulas for further reference:
BR_Range =
BR_Range0:
T
XClk = 8 × TClk
BR_Range1:
T
XClk = 4 × TClk
BR_Range2:
T
XClk = 2 × TClk
BR_Range3:
T
XClk = 1 × TClk


Similar Part No. - ATA5760N-TGQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5760N-TGQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com