Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2731-ILQY Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2731-ILQY
Description  DAB One-chip Front End
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2731-ILQY Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2731-ILQY Datasheet HTML 1Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 2Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 3Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 4Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 5Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 6Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 7Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 8Page - ATMEL Corporation ATR2731-ILQY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
8.5V Supply Voltage
Voltage Regulator for Stable Operating Conditions
Microprocessor-controlled Via a Simple Two-wire Bus
Two Selectable Addresses
Gain-controlled RF Amplifier with Two Inputs, Selectable Via a Simple Two-wire Bus
Control
Balanced RF Amplifier Inputs
Gain-controlled RF Mixer
Four-pin Voltage-controlled Oscillator
SAW Filter Driver With Differential Low-impedance Output
AGC Voltage Generation for RF Section, Available at Charge-pump Output (Can Also
Be Used to Control a PIN Diode Attenuator)
Gain-controlled IF Amplifier
Balanced IF Amplifier Inputs
Selectable Gain-controlled IF Mixer
Single-ended IF Output
AGC Voltage Generation for IF Section, Available at Charge-pump Output
Separate Differential Input for the IF AGC Block
All AGC Time Constants are Adjustable
AGC Thresholds Programmable Via a Simple Two-wire Bus
Three AGC Charge Pump Currents Selectable (Zero, Low, High)
Reference Oscillator
Programmable 9-bit Reference Divider
Programmable 15-bit Counter 1:2048 to 1:32767 Effectively
Tri-state Phase Detector with Programmable Charge Pump
Superior Phase-noise Performance
Programmable Deactivation of Tuning Output
Three Switching Outputs (Open Collector)
Three D/A Converters (Resolution: 8 Bits)
Lock Status Indication (Open Collector)
DAB One-chip
Front End
ATR2731
Rev. 4904A–DAB–03/06


Similar Part No. - ATR2731-ILQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
ATR2730-TLPY ATMEL-ATR2730-TLPY Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
ATR2730-TLQY ATMEL-ATR2730-TLQY Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
ATR2730-TLSY ATMEL-ATR2730-TLSY Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
ATR2732 ATMEL-ATR2732 Datasheet
267Kb / 14P
   Integrated DAB One-chip Front End
More results

Similar Description - ATR2731-ILQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2731B ATMEL-U2731B Datasheet
681Kb / 25P
   DAB ONE- CHIP FRONT END
ATR2732 ATMEL-ATR2732 Datasheet
267Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N1 ATMEL-ATR2732N1 Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
ATR2732N3 ATMEL-ATR2732N3 Datasheet
281Kb / 14P
   Integrated DAB One-chip Front End
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
logo
ATMEL Corporation
U2739M-B ATMEL-U2739M-B Datasheet
329Kb / 69P
   DAB One-Chip Channel- and Source Decoder
logo
TEMIC Semiconductors
U2739M TEMIC-U2739M Datasheet
75Kb / 4P
   DAB One-Chip Channel- and Source / Data Decoder
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
   ADSL Analog Front End Chip
February 1999
logo
Silicon Laboratories
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
   Single-Chip, FM/DAB/DAB Radio Receiver
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
   Single-Chip, AM/FM/DAB/DAB Radio Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com