Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6831-PIQW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6831-PIQW
Description  Triple Half-bridge Driver with SPI and PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6831-PIQW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6831-PIQW Datasheet HTML 1Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 2Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 3Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 4Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 5Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 6Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 7Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 8Page - ATMEL Corporation ATA6831-PIQW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
4908E–AUTO–06/07
ATA6831
Table 3-2.
Output Data Protocol
Bit
Output (Status)
Register
Function
0
TP
Temperature prewarning: high = warning
1
Status LS1
Normal operation: high = output is on, low = output is off
Open-load detection: high = open load, low = no open load
(correct load condition is detected if the corresponding output is
switched off); not affected by SRR
2
Status HS1
Normal operation: high = output is on, low = output is off
Open-load detection: high = open load, low = no open load
(correct load condition is detected if the corresponding output is
switched off); not affected by SRR
3
Status LS2
Description see LS1
4
Status HS2
Description see HS1
5
Status LS3
Description see LS1
6
Status HS3
Description see HS1
7
n. u.
Not used
8
n. u.
Not used
9
n. u.
Not used
10
n. u.
Not used
11
n. u.
Not used
12
n. u.
Not used
13
OVL
Over-load detected: set high, when at least one output is switched off
by a short-circuit condition or an overtemperature event. Bits 1 to 6 can
be used to detect the affected switch
14
INH
Inhibit: this bit is controlled by software (bit SI in input register)
High = standby, low = normal operation
15
PSF
Power-supply fail: undervoltage at pin VS detected


Similar Part No. - ATA6831-PIQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831-PIQW ATMEL-ATA6831-PIQW Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831-PIQW ATMEL-ATA6831-PIQW Datasheet
399Kb / 17P
   Very Low Quiescent Current IVS < 5 關A in Standby Mode over Total Temperature Range
More results

Similar Description - ATA6831-PIQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com