Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA2526P137-DDW Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA2526P137-DDW
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2526P137-DDW Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA2526P137-DDW Datasheet HTML 6Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 7Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 8Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 9Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 10Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 11Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 12Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 13Page - ATMEL Corporation ATA2526P137-DDW Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
4905D–AUTO–10/06
ATA2526
7.
Chip Dimensions
Figure 7-1.
Chip Size in µm
Note:
Pad coordinates are given for lower left corner of the pad in µm from the origin 0,0
Note:
1. Value depends on manufacture location.
Dimensions
Length inclusive scribe
1.04 mm
Width inclusive scribe
1.20 mm
Thickness
290 µ ± 5%
Pads
80 µ
× 80 µ
Fusing pads
60 µ
× 60 µ
Pad metallurgy
Material
AlCu/AlSiTi
(1)
Thickness
0.8 µm
Finish
Material
Si
3N4/SiO2
Thickness
0.7/0.3 µm
0,0
1080,960
scribe
width
ATA2526
OUT
Versioning
393,839
225,496
48,73
666,828
Zapping
IN
VS
GND


Similar Part No. - ATA2526P137-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526S1xxC-DDW ATMEL-ATA2526S1xxC-DDW Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526S3xxC-DDW ATMEL-ATA2526S3xxC-DDW Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526S7xxC-DDW ATMEL-ATA2526S7xxC-DDW Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - ATA2526P137-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com