Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB-4089Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SBB-4089Z
Description  0.05-6 GHz, Cascadable Active Bias InGaP HBT MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SBB-4089Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SBB-4089Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SBB-4089Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SBB-4089Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SBB-4089Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SBB-4089Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SBB-4089Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Broomfield, CO 80021
5
EDS-103832 Rev E
SBB-4089Z 0.05-6 GHz Cascadable MMIC Amplifier
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Application Schematic
Evaluation Board Layout
RF in
RF out
1 uF
C
B
C
B
C
B
V
S
L
C
1
2
3
4
1200
pF
SBB-4089
Application Circuit Element Values
Mounting Instructions
1. Solder the copper pad on the backside of the device package to
the ground plane.
2. Use a large ground pad area with many plated through-holes as
shown.
3. We recommend 1 or 2 ounce copper. Measurement for this
datasheet were made on a 31 mil thick FR-4 board with 1
ounce copper on both sides.
ESD Class 1C
Appropriate precautions in handling, packaging and testing
devices must be observed.
Absolute Maximum Ratings
MSL (Moisture Sensitivity Level) Rating: Level 1
Parameter
Absolute Limit
Ma. Dvice Current (ID)
100 mA
Max Device Voltage (VD)
5.5 V
Max. RF Input Power
+12 dBm
Max. Operating Dissipated
Power
0.55 W
Max. Junction Temp. (TJ)
+150°C
Operating Temp. Range (TL)
-40°C to +85°C
Max. Storage Temp.
+150°C
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device
voltage and current must not exceed the maximum operating
values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH, j-l
TL=TLEAD
Reference
Designator
Frequency (MHz)
500 to 3500
CB
68pF
LC
82nH 1008CS


Similar Part No. - SBB-4089Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBB-4089Z ETC1-SBB-4089Z Datasheet
378Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBB-4089Z SIRENZA-SBB-4089Z Datasheet
379Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
More results

Similar Description - SBB-4089Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBB-5089Z SIRENZA-SBB-5089Z Datasheet
144Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP HBT MMIC Amplifier
SBB-5089 SIRENZA-SBB-5089 Datasheet
133Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBB-5089Z ETC1-SBB-5089Z Datasheet
143Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBB-4089 SIRENZA-SBB-4089 Datasheet
379Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBB-4089 ETC1-SBB-4089 Datasheet
378Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC740ST89E HITTITE-HMC740ST89E_10 Datasheet
1Mb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 ??3 GHz
HMC740ST89E HITTITE-HMC740ST89E Datasheet
523Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
HMC741ST89E HITTITE-HMC741ST89E_10 Datasheet
1Mb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 ??3 GHz
HMC740ST89 HITTITE-HMC740ST89_09 Datasheet
523Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
HMC741ST89E HITTITE-HMC741ST89E Datasheet
539Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com