Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0603 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0603
Description  GPS Front-end IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0603 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0603 Datasheet HTML 1Page - ATMEL Corporation ATR0603 Datasheet HTML 2Page - ATMEL Corporation ATR0603 Datasheet HTML 3Page - ATMEL Corporation ATR0603 Datasheet HTML 4Page - ATMEL Corporation ATR0603 Datasheet HTML 5Page - ATMEL Corporation ATR0603 Datasheet HTML 6Page - ATMEL Corporation ATR0603 Datasheet HTML 7Page - ATMEL Corporation ATR0603 Datasheet HTML 8Page - ATMEL Corporation ATR0603 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Very Low Power Design
Single IF Architecture
Excellent Noise Performance
1-bit ADC on Chip
Small QFN Package (4 mm
× 4 mm, 24 Pins)
Highly Integrated, Few External Components
Advanced BiCMOS Technology (UHF6s)
Supply Switch for External Circuitry (e.g., TCXO)
Non-ESD-sensitive Device
1.
Description
The ATR0603 is a single-IF GPS front-end IC, designed to meet the requirements of
mobile and automotive applications. Excellent RF performance combined with high
bandwidth and a low noise figure enables high-quality GPS solutions, and its very low
power consumption is a perfect match for portable devices. Featuring a fully inte-
grated balanced frequency synthesizer, only a few external components are required.
The gain of the IF amplifier can be set to three different levels in order to meet the
requirements for various applications. Several types of external oscillators can be con-
nected to the robust TCXO interface. The startup logic allows significant power saving
due to very low power-down current and the ability to disable the external TCXO or
even other external components. CMOS output drivers deliver a 1-bit data signal and
a 16.367667-MHz clock signal to the baseband interface.
Figure 1-1.
Block Diagram
XREF
XIN
XSUP
AMP2
AMP1
BP
D
A
NBP
BPI
NBPI
VDIG
SIG
SC
NRF
RF
VCO
PLL
Startup
logic
GND
ATR0603
PU
VCC
GPS Front-end
IC
ATR0603
Preliminary
4950B–GPS–11/06


Similar Part No. - ATR0603

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ATR0603 ABCO-ATR0603 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
More results

Similar Description - ATR0603

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com