Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA2526P340-DDW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA2526P340-DDW
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2526P340-DDW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA2526P340-DDW Datasheet HTML 1Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 2Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 3Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 4Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 5Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 6Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 7Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 8Page - ATMEL Corporation ATA2526P340-DDW Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
4905D–AUTO–10/06
ATA2526
5.
Electrical Characteristics, 5-V Operation
T
amb = –25°C to +85°C, VS = 4.5V to 5.5V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
5
Supply
5.1
Supply-voltage range
1
V
S
4.5
5.0
5.5
V
C
5.2
Supply current
I
IN =0
1
I
S
0.9
1.2
1.6
mA
B
6
Output
6.1
Internal pull-up resistor
T
amb = 25°C
See Figure 6-10 on page
10
1, 3
RPU
40
kW
A
6.2
Output voltage low
R
2 = 2.4 kΩ
See Figure 6-10 on page
10
3, 6
V
OL
250
mV
B
6.3
Output voltage high
3, 1
VOH
VS – 0.25
VS
VB
6.4
Output current clamping
R2 = 0
See Figure 6-10 on page
10
3, 6
I
OCL
8mA
B
7
Input
7.1
Input DC current
V
IN = 0
See Figure 6-10 on page
10
5IIN_DCMAX
–400
µA
C
7.2
Input DC-current
See Figure 6-4 on page 8
V
IN = 0; VS = 5V
T
amb = 25°C
5IIN_DCMAX
–700
µA
B
7.3
Min. detection threshold
current
See Figure 6-2 on page 7
Test signal:
See Figure 6-9 on page
10
VS = 5V
Tamb = 25°C
I
IN_DC = 1 µA
square pp
burst N = 16
f = f
0; tPER = 10 ms
Figure 6-8 on page 9
BER = 50(1)
3IEemin
–1000
pA
B
7.4
Min. detection threshold
current with AC current
disturbance IIN_AC100 =
3 µA at 100 Hz
3
IEemin
–2500
pA
C
7.5
Max. detection threshold
current with VIN > 0V
Test signal:
See Figure 6-9 on page
10
VS = 5V, Tamb = 25°C
I
IN_DC =1µA
square pp
burst N = 16
f = f
0; tPER = 10 ms
Figure 6-8 on page 9
BER = 5%(1)
3
IEemax
–500
µA
D
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. BER = bit error rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
2. After transformation of input current into voltage


Similar Part No. - ATA2526P340-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526S1xxC-DDW ATMEL-ATA2526S1xxC-DDW Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526S3xxC-DDW ATMEL-ATA2526S3xxC-DDW Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526S7xxC-DDW ATMEL-ATA2526S7xxC-DDW Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - ATA2526P340-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com