Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6839-PXQW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6839-PXQW
Description  High Temperature Hex Half-bridge Driver with Serial Input Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6839-PXQW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6839-PXQW Datasheet HTML 5Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 6Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 7Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 8Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 9Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 10Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 11Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 12Page - ATMEL Corporation ATA6839-PXQW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
4955D–AUTO–10/08
ATA6839 [Preliminary]
7.
Electrical Characteristics
7.5V < V
S < 40V; 4.75V < VCC < 5.25V; INH = High; –40°C < Tj < 200°C, Ta ≤ 150°C; unless otherwise specified, all values refer to GND
pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Current Consumption
1.1
Total quiescent current
(V
S and all outputs to VS)
V
S = 33V
VCC = 0V or
V
CC = 5V, bit SI = low or
V
CC = 5V, pin INH = low
Output pins to VS and
GND
3, 4
IVS
20
µA
A
1.2
Quiescent current (VCC)
4.75V < V
VCC < 5.25V,
INH or bit SI = low
14
IVCC
40
µA
A
1.3
Supply current (VS)
V
VS < 28V normal
operation, all output
stages off
3, 4
IVS
0.8
1.2
mA
A
1.4
Supply current (VS)
V
VS < 28V normal
operation, all output low
stages on, no load
3, 4
I
VS
10
mA
A
1.5
Supply current (VS)
VVS < 28V normal
operation, all output
high stages on, no load
3, 4
I
VS
16
mA
A
1.6
Supply current (VCC)
4.75V < V
VCC < 5.25V,
normal operation
14
I
VCC
200
µA
A
2
Internal Oscillator Frequency
2.1
Frequency (time base for
delay timers)
fOSC
19
45
kHz
A
3
Undervoltage Detection, Power-on Reset
3.1
Power-on reset threshold
14
V
VCC
2.3
2.7
3.0
V
A
3.2
Power-on reset delay time After switching on V
VCC
t
dPor
20
95
180
µs
A
3.3
Undervoltage detection
threshold
14
VUV
5.5
7.0
V
A
3.4
Undervoltage detection
hysteresis
14
ΔV
UV
0.4
V
A
3.5
Undervoltage detection
delay
tdUV
721
ms
A
4
Thermal Prewarning and Shutdown
4.1
Thermal prewarning
T
jPWset
170
195
220
°C
B
4.2
Thermal prewarning
T
jPWreset
155
180
205
°C
B
4.3
Thermal prewarning
hysteresis
TjPW
15
K
B
4.4
Thermal shutdown
Tj switch off
200
225
250
°C
B
4.5
Thermal shutdown
Tj switch on
185
210
235
°C
B
4.6
Thermal shutdown
hysteresis
T
j switch off
15
K
B
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Delay time between rising edge of input signal at pin CS after data transmission and switch on/off output stages to 90% of
final level. Device not in standby for t > 1 ms.


Similar Part No. - ATA6839-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830-PKH ATMEL-ATA6830-PKH Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830-PKHW ATMEL-ATA6830-PKHW Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
More results

Similar Description - ATA6839-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6837 ATMEL-ATA6837_09 Datasheet
398Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6837 ATMEL-ATA6837 Datasheet
390Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_10 Datasheet
458Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
   Hex Half-Bridge Motor Driver with Serial Input Control
logo
ATMEL Corporation
ATA6827 ATMEL-ATA6827_07 Datasheet
352Kb / 15P
   High Temperature Triple Half-bridge Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com