Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM-09060-B1F Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SDM-09060-B1F
Description  925-960 MHz Class AB 65W Power Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SDM-09060-B1F Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SDM-09060-B1F Datasheet HTML 1Page - SIRENZA MICRODEVICES SDM-09060-B1F Datasheet HTML 2Page - SIRENZA MICRODEVICES SDM-09060-B1F Datasheet HTML 3Page - SIRENZA MICRODEVICES SDM-09060-B1F Datasheet HTML 4Page - SIRENZA MICRODEVICES SDM-09060-B1F Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such
information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices
does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2005 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 S. Technology Court,
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
1
EDS-104211Rev E
Sirenza Microdevices’ SDM-09060-B1F 65W power module is a robust
impedance matched, single-stage, push-pull Class AB amplifier mod-
ule suitable for use as a power amplifier driver or output stage. The
power transistors are fabricated using Sirenza's latest, high perfor-
mance LDMOS process. It is a drop-in, no-tune solution for high power
applications requiring high efficiency, excellent linearity, and unit-to-
unit repeatability. It is internally matched to 50 ohms.
Key Specifications
Symbol
Parameter
Units
Min.
Typ.
Max.
Frequency
Frequency of Operation
MHz
925
-
960
P1dB
Output Power at 1dB Compression, 943 MHz
W
60
65
-
Gain
Gain at 60W PEP, 942MHz and 943MHz
dB
16
17
-
Gain Flatness
Peak-to-Peak Gain Variation, 60W PEP, 925 - 960MHz
dB
-
0.3
0.5
Efficiency
Drain Efficiency at 60W PEP, 942MHz and 943MHz
%
32
34
-
Efficiency
Drain Efficiency at 60W CW, 942MHz
%
44
-
IRL
Input Return Loss 60W PEP Output Power, 925 - 960MHz
dB
-
-15
-10
IMD
3rd Order IMD Product, 60W PEP, 942MHz and 943MHz
dBc
-
-31
-27
Delay
Signal Delay from Pin 3 to Pin 8
nS
-
4.0
-
Phase Linearity
Deviation from Linear Phase (Peak-to-Peak)
Deg
-
0.5
-
RTH
Thermal Resistance (Junction to Case)
ºC/W
1.5
Functional Block Diagram
SDM-09060-B1F
925-960 MHz Class AB
65W Power Amplifier Module
Product Features
Applications
Available in RoHS compliant packaging
50 W RF impedance
65W Output P
1dB
Single Supply Operation : Nominally 28V
High Gain: 17 dB at 942 MHz
High Efficiency : 44% at 942 MHz
ESD Protection: JEDEC Class 2 (2000V HBM)
Base Station PA driver
Repeater
CDMA
GSM / EDGE
Product Description
Test Conditions Zin = Zout = 50Ω, VDD = 28.0V, IDQ1 = IDQ2 =300mA TFlange = 25ºC
T
Quality Specifications
Parameter
Description
Unit
Typical
ESD Rating
Human Body Model
Volts
2000
MTTF
200oC Channel
Hours
1.2 X 106
+28V DC
+3V DC to +6 V DC
+28V DC
+3V DC to +6 V DC
2
Vds
Vds
1
out
RF
RF
in
Gnd
Gnd
Gnd
Gnd
Vgs
2
1
Vgs
o
o
o
o
0
180
0
180
Balun
Balun
Case Flange = Ground
Pb
RoHS Compliant
& Green Package
SDM-09060-B1FY


Similar Part No. - SDM-09060-B1F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
SDM-09060-B1FY SIRENZA-SDM-09060-B1FY Datasheet
226Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
More results

Similar Description - SDM-09060-B1F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120 Datasheet
200Kb / 5P
   925-960 MHz Class AB 130W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120_1 Datasheet
91Kb / 5P
   925-960 MHz Class AB 130W Power Amplifier Module
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
   925-960 MHz Class A/AB 15W Power Amplifier Module
SDM-08060-B1F SIRENZA-SDM-08060-B1F Datasheet
121Kb / 5P
   869-894 MHz Class AB 65W Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
   915-960 MHz Class AB 130W Power Amplifier
logo
ANADIGICS, Inc
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
   925 MHz to 960 MHz Small-Cell Power Amplifier Module
logo
Stealth Microwave, Inc.
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com