Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C86A-10SQ-2.7 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT93C86A-10SQ-2.7
Description  Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C86A-10SQ-2.7 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT93C86A-10SQ-2.7 Datasheet HTML 1Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 2Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C86A-10SQ-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
5096E–SEEPR–1/08
AT93C86A
Figure 2-1.
Block Diagram
Note:
When the ORG pin is connected to Vcc, the x 16 organization is selected. When it is connected to ground, the x 8 organization
is selected. If the ORG pin is left unconnected and the application does not load the input beyond the capability of the internal 1
Meg ohm pullup, then the x 16 organization is selected.
Note:
1. This parameter is characterized and is not 100% tested.
Absolute Maximum Ratings*
Operating Temperature..................................–55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only, and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature .....................................–65
°C to +150°C
Voltage on any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
ADDRESS
DECODER
OUTPUT
BUFFER
DO
ORG
DI
CS
SK
Vcc
GND
CLOCK
GENERATOR
MODE
DECODE
LOGIC
DATA
REGISTER
MEMORY ARRAY
2048 x 8
OR
1024 x 16
Table 2-2.
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (DO)
5
pF
VOUT = 0V
CIN
Input Capacitance (CS, SK, DI)
5
pF
VIN = 0V


Similar Part No. - AT93C86A-10SQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C86A-10SU-1.8 ATMEL-AT93C86A-10SU-1.8 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C86A-10SU-2.7 ATMEL-AT93C86A-10SU-2.7 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C86A-10SQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
AiT Semiconductor Inc.
A24C16 AITSEMI-A24C16 Datasheet
977Kb / 18P
   MEMORY EEPROM 16k bits (2048 X 8) TWO-WIRE SERIAL
REV2.1
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT93C46E ATMEL-AT93C46E_08 Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com