Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24HC02B-PU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT24HC02B-PU
Description  Two-wire Serial EEPROM 2K (256 x 8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B-PU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT24HC02B-PU Datasheet HTML 4Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 5Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 6Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 7Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 8Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 9Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 10Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 11Page - ATMEL Corporation AT24HC02B-PU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
5134E–SEEPR–3/08
AT24HC02B
Figure 5-6.
Output Acknowledge
6.
Device Addressing
The 2K EEPROM device requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation, as shown in Figure 6-1.
Figure 6-1.
Device Address
The device address word consists of a mandatory “1”, “0” sequence for the first four most signif-
icant bits as shown. This is common to all the EEPROM devices.
The next three bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These three
bits must compare to their corresponding hardwired input pins.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high, and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is not made,
the chip will return to a standby state.
SCL
DATA IN
DATA OUT
START
ACKNOWLEDGE
9
8
1
MSB
2K
LSB
1
A2
A0
A1
R/W
00
1


Similar Part No. - AT24HC02B-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B-10PU-1.8 ATMEL-AT24HC02B-10PU-1.8 Datasheet
453Kb / 16P
   Utilizes Different Array Protection Compared
AT24HC02B-10TU-1.8 ATMEL-AT24HC02B-10TU-1.8 Datasheet
453Kb / 16P
   Utilizes Different Array Protection Compared
AT24HC02B-TP25-B ATMEL-AT24HC02B-TP25-B Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B-TP25-T ATMEL-AT24HC02B-TP25-T Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B-W1.8-11 ATMEL-AT24HC02B-W1.8-11 Datasheet
453Kb / 16P
   Utilizes Different Array Protection Compared
More results

Similar Description - AT24HC02B-PU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
logo
Renesas Technology Corp
R1EV24002ASAS0I RENESAS-R1EV24002ASAS0I_15 Datasheet
404Kb / 17P
   Two-wire serial interface 2k EEPROM (256-word ??8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_10 Datasheet
796Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com