Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C01B_08 Datasheet HTML 1Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 2Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 3Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 4Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 5Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 6Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 7Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 8Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
5156E–SEEPR–10/08
AT24C01B
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Table 2-1.
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
Table 2-2.
DC Characteristics
Applicable over recommended operating range from: T
AI = 40°C to +85°C, VCC = +1.8V to +5.5V, VCC =+1.8V to +5.5V
(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
VCC3
Supply Voltage
2.7
5.5
V
VCC4
Supply Voltage
4.5
5.5
V
I
CC
Supply Current V
CC = 5.0V
READ at 100 kHz
0.4
1.0
mA
ICC
Supply Current VCC = 5.0V
WRITE at 100 kHz
2.0
3.0
mA
ISB1
Standby Current VCC = 1.8VVIN = VCC or VSS
0.6
3.0
µA
I
SB2
Standby Current V
CC = 2.5V
V
IN = VCC or VSS
1.4
4.0
µA
ISB3
Standby Current VCC = 2.7V
VIN = VCC or VSS
1.6
4.0
µA
I
SB4
Standby Current V
CC = 5.0V
V
IN = VCC or VSS
8.0
18.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level
(1)
–0.6
V
CC x 0.3
V
V
IH
Input High Level
(1)
V
CC x 0.7
V
CC + 0.5
V
VOL2
Output Low Level VCC = 3.0V
IOL = 2.1 mA
0.4
V
V
OL1
Output Low Level V
CC = 1.8VIOL = 0.15 mA
0.2
V


Similar Part No. - AT24C01B_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
More results

Similar Description - AT24C01B_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com