Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4505MLTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4505MLTRT
Description  High Efficiency Boost Converter for Backlight/Flash LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4505MLTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4505MLTRT Datasheet HTML 7Page - Semtech Corporation SC4505MLTRT Datasheet HTML 8Page - Semtech Corporation SC4505MLTRT Datasheet HTML 9Page - Semtech Corporation SC4505MLTRT Datasheet HTML 10Page - Semtech Corporation SC4505MLTRT Datasheet HTML 11Page - Semtech Corporation SC4505MLTRT Datasheet HTML 12Page - Semtech Corporation SC4505MLTRT Datasheet HTML 13Page - Semtech Corporation SC4505MLTRT Datasheet HTML 14Page - Semtech Corporation SC4505MLTRT Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
 2007 Semtech Corp.
www.semtech.com
SC4505
POWER MANAGEMENT
Applications Information
Figure 5. OVP Tweaking
V
OVP
R
1
R
2
COMP
VO
SC4505
L1
D1
VOUT
C
OUT
VIN
R
3
R
4
I
1
I
2
As shown in Figure 5, R
1 and R2 are the internal resistor
divider. R
3 and R4 are external resistor divider for OVP
triggering point adjustment. It is noted that the resistance
of the internal resistor divider formed by R
1 and R2 is
around 500k
Ω. When OVP happens, a strong pulldown
will be applied to VO pin to quickly discharge the output
capacitor. Any large value of R
3 will slow down the
discharge process at OVP condition. Generally speaking,
small value of R
3 is preferred in applications.
However, small value of the resistor divider formed by
R
3 and R4 would cause additional power loss. People
often use R
4=100kΩ and then select R3 according to
the OVP specification. In this case, the OVP triggering
threshold estimation equation can be rewritten as
follows:
Set
We can get
The tolerance of the R
3 and R4 should also be considered
in determining the OVP triggering point. Usually there is
about 5%~8% difference between the calculated value
and the measure OVP triggering threshold.
28V
//500K
R
R
//500K
R
V
4
3
4
OVP
×
+
=
= 100K
R
4
×
=
83.3K
1
28V
V
R
OVP
3


Similar Part No. - SC4505MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505MLTRT SEMTECH-SC4505MLTRT Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
More results

Similar Description - SC4505MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com