Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4505EVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4505EVB
Description  High Efficiency Boost Converter for Backlight/Flash LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4505EVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4505EVB Datasheet HTML 2Page - Semtech Corporation SC4505EVB Datasheet HTML 3Page - Semtech Corporation SC4505EVB Datasheet HTML 4Page - Semtech Corporation SC4505EVB Datasheet HTML 5Page - Semtech Corporation SC4505EVB Datasheet HTML 6Page - Semtech Corporation SC4505EVB Datasheet HTML 7Page - Semtech Corporation SC4505EVB Datasheet HTML 8Page - Semtech Corporation SC4505EVB Datasheet HTML 9Page - Semtech Corporation SC4505EVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
 2007 Semtech Corp.
www.semtech.com
SC4505
POWER MANAGEMENT
The SC4505 contains a 1MHz fixed-frequency, current-
mode boost converter, and two independent LED current
regulators. The LED current setpoints are chosen using
external resistors, and the PWM controller operates
independently to keep the two currents in regulation.
Since the SC4505 receives feedback from both of the
LED current regulators, either or both LED strands can
be on at any given time. Additionally, different numbers
of LED can be used in the two strands with no resistor
ballasting, or preset output voltage setpoint.
A typical application would use 3-6 backlight LED, driven
with 20mA, and 2-6 flash LED, driven with 20mA during
torch mode (video recording), and driven with 100mA
during flash mode (for photographs). Usually only the
backlight LED are used, but during some cases both
strands must be on at the same time. As the output
voltage is different for each case, a designer is often
forced to use lossy ballast resistors to balance the LED
currents, or to use two separate converter ICs, greatly
increasing component count and BOM cost.
The SC4505 solves these issues by controlling the boost
converter set point based on instantaneous requirements
of the two current regulators. Therefore, only a single
inductor and power switch is needed to provide power
to the entire lighting subsystem, increasing efficiency and
reducing part count. A digital interface allows independent
control of all LED currents with no converter
“babysitting”. Interface to output control is high-
bandwidth, supporting digital PWM dimming on any
channel at 50Hz to 50kHz dimming frequency, while
aggressively shutting the entire IC down to less than
1
µA shutdown mode when all LED strands are turned
off. In shutdown mode, leakage through the current
regulator outputs is also < 1
µA, keeping the output
capacitor charged and ready for instant activation of the
LED strands.
1 MHz switching speed provides high output power using
a tiny 1.0mm high inductor, maximizing efficiency for
space-constrained and cost-sensitive applications. In
addition, converter and output capacitor are protected
from open-LED conditions by overvoltage protection, and
flash LED are protected from burnout by a user-settable
time-out feature.
Overview
The states of the two LED current regulators are chosen
by a three-bit digital input. Either or both of the current
regulators can be on at any given time. The converter
automatically shuts down to zero-current shutdown mode
if all pins are low.
EN_BL – Enable Backlight regulator (I
O1).
EN_FL – Enable Flash/Torch regulator (I
O2)
FL_TRB – Select flash or torch mode for I
O2. The current
in torch mode is approximately 1/5 of the current in flash
mode. Flash mode when FL_TRB = 1.


Similar Part No. - SC4505EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505EVB SEMTECH-SC4505EVB Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
More results

Similar Description - SC4505EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
   High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com