Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C1024B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C1024B
Description  Two-wire Serial EEPROM 1M (131,072 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024B Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C1024B Datasheet HTML 1Page - ATMEL Corporation AT24C1024B Datasheet HTML 2Page - ATMEL Corporation AT24C1024B Datasheet HTML 3Page - ATMEL Corporation AT24C1024B Datasheet HTML 4Page - ATMEL Corporation AT24C1024B Datasheet HTML 5Page - ATMEL Corporation AT24C1024B Datasheet HTML 6Page - ATMEL Corporation AT24C1024B Datasheet HTML 7Page - ATMEL Corporation AT24C1024B Datasheet HTML 8Page - ATMEL Corporation AT24C1024B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
5194F–SEEPR–1/08
AT24C1024B
3. Memory Organization
AT24C1024B, 1024K SERIAL EEPROM: The 1024K is internally organized as 512 pages of
256 bytes each. Random word addressing requires a 17-bit data word address.
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. VIL min and VIH max are reference only and are not tested.
Table 3-1.
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +1.8V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A1, SCL)
6
pF
VIN = 0V
Table 3-2.
DC Characteristics
Applicable over recommended operating range from: TAI = –40°C to +85°C, VCC = +1.8V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
3.6
V
VCC2
Supply Voltage
2.5
5.5
V
ICC
Supply Current
VCC = 5.0V
READ at 400 kHz
2.0
mA
ICC
Supply Current
VCC = 5.0V
WRITE at 400 kHz
3.0
mA
ISB1
Standby Current
VCC = 1.8V
VIN = VCC or VSS
1.0
µA
VCC = 3.6V
3.0
µA
ISB2
Standby Current
VCC = 2.5V
VIN = VCC or VSS
2.0
µA
VCC = 5.5V
6.0
µA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
µA
ILO
Output Leakage
Current
VOUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level(1)
–0.6
VCC x 0.3
V
VIH
Input High Level(1)
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Level
VCC = 1.8V
IOL = 0.15 mA
0.2
V
VOL2
Output Low Level
VCC = 3.0V
IOL = 2.1 mA
0.4
V
Table 3-3.
AC Characteristics (Industrial Temperature)
Applicable over recommended operating range from TAI = −40°C to +85°C, VCC = +1.8V to +3.6V, CL = 100 pF (unless oth-
erwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.8-volt
2.5, 5.0-volt
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1.3
0.4
µs
tHIGH
Clock Pulse Width High
0.6
0.4
µs


Similar Part No. - AT24C1024B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B Datasheet
934Kb / 21P
   Two-wire Serial EEPROM
AT24C1024B ATMEL-AT24C1024B_14 Datasheet
1Mb / 25P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C1024B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com