Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UE102.020A06A Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # UE102.020A06A
Description  Preset counters mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

UE102.020A06A Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  UE102.020A06A Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG UE102.020A06A Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG UE102.020A06A Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG UE102.020A06A Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Preset counters mechanic
www.baumerivo.com
2
ME102, UE102
Meter and revolution counters, subtracting
Display 4-digits, manual reset by button
braun
brown
schwarz
black
grau (blau)
gray (blue)
Connection diagram
Away from user
Towards user
Sense of rotation I
Sense of rotation II
Direction of strokes and rotation
Technical data - mechanical design
ME102
Function
Meter counter with preset
Display
White numbers on black
Decimal digits in red
Measuring speed
5 revs. = 1 digit = <2000 m/min
5 revs. = 10 di. = <200.0 m/min
Measuring precision
1 m, 1 dm, 1 cm
UE102
Function
Revolution counter with preset
Display
White numbers on black
Operating speed
≤10000 rpm
Accessories
Measuring wheels for ME102
MR211.04A Circumf. 20 cm, knurled aluminium
MR241.04D Circumf. 20 cm, smooth Hytrel TPE-E
MR261.04A Circumf. 20 cm, knopped rubber NBR Nitril
MR291.04D Circumf. 20 cm, grooved Hytrel TPE-E


Similar Part No. - UE102.020A06A

ManufacturerPart #DatasheetDescription
logo
SICK AG
UE10-2FG SICK-UE10-2FG Datasheet
5Mb / 92P
   Safety relays
2012-12-17
UE10-2FG2D0 SICK-UE10-2FG2D0 Datasheet
261Kb / 5P
   SAFETY RELAYS
UE10-2FG2D0 SICK-UE10-2FG2D0 Datasheet
5Mb / 92P
   Safety relays
2012-12-17
UE10-2FG3D0 SICK-UE10-2FG3D0 Datasheet
314Kb / 5P
   SAFETY RELAYS
UE10-2FG3D0 SICK-UE10-2FG3D0 Datasheet
5Mb / 92P
   Safety relays
2012-12-17
More results

Similar Description - UE102.020A06A

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
ME230 IVO-ME230 Datasheet
330Kb / 2P
   Preset counters mechanic
ME280 IVO-ME280 Datasheet
322Kb / 2P
   Preset counters mechanic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
   Preset counters mechanic
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
FS304 IVO-FS304 Datasheet
507Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com