Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY54FCT157T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY54FCT157T
Description  QUAD 2-INPUT MULTIPLEXERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT157T Datasheet(HTML) 4 Page - Texas Instruments

  CY54FCT157T Datasheet HTML 1Page - Texas Instruments CY54FCT157T Datasheet HTML 2Page - Texas Instruments CY54FCT157T Datasheet HTML 3Page - Texas Instruments CY54FCT157T Datasheet HTML 4Page - Texas Instruments CY54FCT157T Datasheet HTML 5Page - Texas Instruments CY54FCT157T Datasheet HTML 6Page - Texas Instruments CY54FCT157T Datasheet HTML 7Page - Texas Instruments CY54FCT157T Datasheet HTML 8Page - Texas Instruments CY54FCT157T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY54FCT157T, CY74FCT157T
QUAD 2-INPUT MULTIPLEXERS
WITH 3-STATE OUTPUTS
SCCS014B – MAY 1994 – REVISED NOVEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
CY54FCT157T
CY74FCT157T
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–12
–32
mA
IOL
Low-level output current
32
64
mA
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 2: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
CY54FCT157T
CY74FCT157T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
IIN = –18 mA
–0.7
–1.2
V
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VCC = 4.5 V,
IOH = –12 mA
2.4
3.3
VOH
VCC 475 V
IOH = –32 mA
2
V
VCC = 4.75 V
IOH = –15 mA
2.4
3.3
VOL
VCC = 4.5 V,
IOL = 32 mA
0.3
0.55
V
VOL
VCC = 4.75 V,
IOL = 64 mA
0.3
0.55
V
Vhys
All inputs
0.2
0.2
V
II
VCC = 5.5 V,
VIN = VCC
5
µA
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.5 V,
VIN = 2.7 V
±1
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.5 V,
VIN = 0.5 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOZH
VCC = 5.5 V,
VOUT = 2.7 V
10
µA
IOZH
VCC = 5.25 V,
VOUT = 2.7 V
10
µA
IOZL
VCC = 5.5 V,
VOUT = 0.5 V
–10
µA
IOZL
VCC = 5.25 V,
VOUT = 0.5 V
–10
µA
IOS‡
VCC = 5.5 V,
VOUT = 0 V
–60
–120
–225
mA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
±1
µA
ICC
VCC = 5.5 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
ICC
VCC = 5.25 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.5 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or
sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In any sequence
of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND


Similar Part No. - CY54FCT157T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT157T TI-CY54FCT157T Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
CY54FCT157TLCC TI-CY54FCT157TLCC Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
CY54FCT157TQSOP TI-CY54FCT157TQSOP Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
CY54FCT157TSOIC TI-CY54FCT157TSOIC Datasheet
64Kb / 6P
[Old version datasheet]   Quad 2-Input Multiplexer
More results

Similar Description - CY54FCT157T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C157 NSC-MM54C157 Datasheet
100Kb / 4P
   Quad 2-Input Multiplexers
logo
Texas Instruments
CD54-74AC157 TI-CD54-74AC157 Datasheet
181Kb / 7P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
logo
Fairchild Semiconductor
MM74C157 FAIRCHILD-MM74C157 Datasheet
40Kb / 4P
   Quad 2-Input Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
logo
Intersil Corporation
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com