Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001TRSAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001TRSAR
Description  MIXED SIGNAL MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001TRSAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F2001TRSAR Datasheet HTML 4Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 5Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 6Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 7Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 8Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 9Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 10Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 11Page - Texas Instruments MSP430F2001TRSAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions, MSP430x20x2
TERMINAL
NAME
PW, or N
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK/ACLK/A0
2
1
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
ACLK signal ouput
ADC10 analog input A0
P1.1/TA0/A1
3
2
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output
ADC10 analog input A1
P1.2/TA1/A2
4
3
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
ADC10 analog input A2
P1.3/ADC10CLK/
A3/VREF--/VeREF--
5
4
I/O
General-purpose digital I/O pin
ADC10 conversion clock output
ADC10 analog input A3
Input for negative external reference voltage/negative internal reference
voltage output
P1.4/SMCLK/A4/VREF+/VeREF+/
TCK
6
5
I/O
General-purpose digital I/O pin
SMCLK signal output
ADC10 analog input A4
Input for positive external reference voltage/positive internal reference
voltage output
JTAG test clock, input terminal for device programming and test
P1.5/TA0/A5/SCLK/TMS
7
6
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
ADC10 analog input A5
USI: external clock input in SPI or I2C mode; clock output in SPI mode
JTAG test mode select, input terminal for device programming and test
P1.6/TA1/A6/SDO/SCL/TDI/TCLK
8
7
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1B input, compare: Out1 output
ADC10 analog input A6
USI: Data output in SPI mode; I2C clock in I2C mode
JTAG test data input or test clock input during programming and test
P1.7/A7/SDI/SDA/TDO/TDI
9
8
I/O
General-purpose digital I/O pin
ADC10 analog input A7
USI: Data input in SPI mode; I2C data in I2C mode
JTAG test data output terminal or test data input during programming and
test
XIN/P2.6/TA1
13
12
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Timer_A, compare: Out1 output
XOUT/P2.7
12
11
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
RST/NMI/SBWTDIO
10
9
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCK
11
10
I
Selects test mode for JTAG pins on Port1. The device protection fuse is
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
VCC
1
NA
Supply voltage
VSS
14
NA
Ground reference
TDO or TDI is selected via JTAG instruction.
NOTE: If XOUT/P2.7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.


Similar Part No. - MSP430F2001TRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2001TRSAR TI-MSP430F2001TRSAR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2001TRSAR TI-MSP430F2001TRSAR Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2001TRSAR TI1-MSP430F2001TRSAR Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2001TRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com