Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA8335A Datasheet(PDF) 3 Page - Agamem Microelectronic Inc.

Part # AA8335A
Description  SOUND EFFECT PROCESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA8335A Datasheet(HTML) 3 Page - Agamem Microelectronic Inc.

  AA8335A Datasheet HTML 1Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 2Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 3Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 4Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 5Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 6Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 7Page - Agamem Microelectronic Inc. AA8335A Datasheet HTML 8Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Agamem Microelectronics Inc.
AA8335
PRELIMINARY
SOUND EFFECT PROCESSOR
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/3/26
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
3
PIN NO.
PIN NAME
PIN FUNCTION
16
CR2-L
Capacitance 2 & Resistor 2 (left)
17
MF-L
Middle frequency (left)
18
CR1-L
Capacitance 1 & Resistor 1 (left)
19
HF-L
High frequency (left)
20
IN-L
Input pin L
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
Vcc
15
V
Power Dissipation
PD
(DIP20)
700
(TSSOP) 300
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-40~+125
WARNING: Semiconductor devices can be permanently damaged by application of
stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do
not exceed these ratings.
■ ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 9V
SYMBOL
PARAMETER
CONDITIONS
LIMITS
MIN
TYP
MAX
UNIT
Vcc
Operation Voltage
4.5
9.0
13.0
V
Icc
Supply Current
-
13
17.0
mA
VREF
Reference Voltage
4.0
4.5
5.0
V
VthH
SEP Control
Voltage Threshold
2.0
-
VCC
V
VthL
0
-
0.5
V
Vinmax
Maximum Input
Voltage
f = 1KHz, RL=10KΩ
2.8
-
-
Vrms


Similar Part No. - AA8335A

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8334 AGAMEM-AA8334 Datasheet
242Kb / 9P
   SURROUND PROCESSOR
AA8334A AGAMEM-AA8334A Datasheet
242Kb / 9P
   SURROUND PROCESSOR
AA8338 AGAMEM-AA8338 Datasheet
38Kb / 1P
   AUDIO POWER AMPLIFIER
More results

Similar Description - AA8335A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5399 SILAN-SC5399 Datasheet
151Kb / 7P
   ECHO SOUND EFFECT PROCESSOR
logo
List of Unclassifed Man...
G21A21 ETC2-G21A21 Datasheet
6Mb / 11P
   2-Channel Digital Sound Effect Processor
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
logo
Rohm
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
BD3816K1 ROHM-BD3816K1_10 Datasheet
505Kb / 18P
   6.1ch Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com