Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA18380AP Datasheet(PDF) 5 Page - Agamem Microelectronic Inc.

Part # AA18380AP
Description  Switching Regulator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA18380AP Datasheet(HTML) 5 Page - Agamem Microelectronic Inc.

  AA18380AP Datasheet HTML 1Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 2Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 3Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 4Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 5Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 6Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 7Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 8Page - Agamem Microelectronic Inc. AA18380AP Datasheet HTML 9Page - Agamem Microelectronic Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Agamem Microelectronics Inc.
AA18380
PRELIMINARY
Switching Regulator Controller
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2007/1/15
5
(Continued)
Value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VOH1
RB = 390 Ω , IO = –15 mA
1.0
1.2
V
VOH2
RB = 750 Ω , VCC = 1.8 V
IO = –10 mA
0.8
1.0
V
Output voltage
VOL1
RB = 390 Ω , IO = 15 mA
0.1
0.2
V
VOL2
RB = 750 Ω , VCC = 1.8 V
IO = 10 mA
0.1
0.2
V
Output source
current
IO+
RB = 390 Ω , VO = 0.9 V
–30
–20
mA
Output sink current
IO –
RB = 390 Ω , VO = 0.3 V
30
60
mA
Output section
Pull down resistance
RO
20
30
40
kΩ
Pin voltage
VBR
RB = 390 Ω
0.2
0.3
0.4
V
Input off condition
IOFF
–20
0
µ A
Output current
setting section/
Control section
Input on condition
ION
–45
µ A
Pin current range
IBR
–1.8
–0.1
mA
Stand-by current
ICCS
BR/CTL pin open or VCC
1
µ A
Entire device
Average supply
current
ICC
RB = 390 Ω
5.5
9.3
mA
TIMING DIAGRAM
Sawtooth wave output
ON--
Power supply control SW
OFF
SCP pin waveform
Out put waveform
tPE
Output short circuit
Short circuit
detection
Output
Short
circuit
Soft start
tS
Soft start setting voltage
Idle Period setting voltage
Reference input for short
circuit detectioin compartor
FB Pin voltage
Stable State


Similar Part No. - AA18380AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA18375AP AGAMEM-AA18375AP Datasheet
735Kb / 14P
   Switching Regulator Controller
More results

Similar Description - AA18380AP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com