Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04BN-SH-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C04BN-SH-B
Description  Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04BN-SH-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C04BN-SH-B Datasheet HTML 2Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 3Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 4Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 5Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 6Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 7Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 8Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 9Page - ATMEL Corporation AT24C04BN-SH-B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
5226D–SEEPR–7/08
AT24C04B/08B
3.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device.
Data on the SDA pin may change only during SCL low time periods (see Figure 5-2 on page 8).
Data changes during SCL high periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which
must precede any other command (see Figure 5-3 on page 8).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the stop command will place the EEPROM in a standby power mode (see Fig-
ure 5-3 on page 8).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each
word. This happens during the ninth clock cycle.
STANDBY MODE: The AT24C04B/08B features a low-power standby mode which is enabled:
(a) upon power-up and (b) after the receipt of the STOP bit and the completion of any internal
operations.
2-WIRE SOFTWARE RESET: After an interruption in protocol, power loss or system reset, any
2-wire part can be reset by following these steps: (a) Create a start bit condition, (b) clock 9
cycles, (c) create another start bit followed by a stop bit condition as shown below. The device is
ready for next communication after above steps have been completed.
Start bit
Stop bit
Start bit
Dummy Clock Cycles
SCL
SDA
12
3
8
9


Similar Part No. - AT24C04BN-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04BN-SH-B ATMEL-AT24C04BN-SH-B Datasheet
502Kb / 28P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C04BN-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Renesas Technology Corp
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I_15 Datasheet
296Kb / 17P
   Two-wire serial interface 8k EEPROM (1024-word x 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT24C08C-SSHM-T ATMEL-AT24C08C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C04C-SSHM-T ATMEL-AT24C04C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
logo
Microchip Technology
28C04A MICROCHIP-28C04A_04 Datasheet
127Kb / 10P
   4K (512 x 8) CMOS EEPROM
2004
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Microchip Technology
28C04A MICROCHIP-28C04A Datasheet
59Kb / 8P
   4K (512 x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com