Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04BN-SH-T Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C04BN-SH-T
Description  Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04BN-SH-T Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C04BN-SH-T Datasheet HTML 5Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 6Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 7Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 8Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 9Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 10Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 11Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 12Page - ATMEL Corporation AT24C04BN-SH-T Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
5226D–SEEPR–7/08
AT24C04B/08B
6.
Device Addressing
The 4K and 8K EEPROM device requires an 8-bit device address word following a start condi-
tion to enable the chip for a read or write operation (refer to Figure 8-1).
The device address word consists of a mandatory one, zero sequence for the first four most sig-
nificant bits as shown. This is common to all the EEPROM devices.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory
page address bit. The two device address bits must compare to their corresponding hard-wired
input pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory
page addressing. The A2 must compare to its corresponding hard-wired input pin. The A1 and
A0 pins are no connect.
For the SOT23 Package Offering:
The 4K EEPROM software A2 and A1 bits in the device address word must be set to zero to
properly communicate.
The 8K EEPROM software A2 bit in the device address word must be set to zero to properly
communicate.
7.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a zero and the addressing device, such as a microcontroller,
must terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally timed write cycle, t
WR, to the nonvolatile memory. All inputs are disabled during this
write cycle and the EEPROM will not respond until the write is complete (see Figure 8-2 on page
11).
PAGE WRITE: The 4K/8K EEPROMs are capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to fifteen data words. The
EEPROM will respond with a zero after each data word received. The microcontroller must ter-
minate the page write sequence with a stop condition (see Figure 8-3 on page 11).
The data word address lower four bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the fol-
lowing byte is placed at the beginning of the same page. If more than sixteen data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond with
a zero allowing the read or write sequence to continue.


Similar Part No. - AT24C04BN-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04BN-SH-T ATMEL-AT24C04BN-SH-T Datasheet
502Kb / 28P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C04BN-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Renesas Technology Corp
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I_15 Datasheet
296Kb / 17P
   Two-wire serial interface 8k EEPROM (1024-word x 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT24C08C-SSHM-T ATMEL-AT24C08C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C04C-SSHM-T ATMEL-AT24C04C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
logo
Microchip Technology
28C04A MICROCHIP-28C04A_04 Datasheet
127Kb / 10P
   4K (512 x 8) CMOS EEPROM
2004
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Microchip Technology
28C04A MICROCHIP-28C04A Datasheet
59Kb / 8P
   4K (512 x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com