Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA87223AP Datasheet(PDF) 9 Page - Agamem Microelectronic Inc.

Part # AA87223AP
Description  CCD VERTICAL DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA87223AP Datasheet(HTML) 9 Page - Agamem Microelectronic Inc.

  AA87223AP Datasheet HTML 1Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 2Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 3Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 4Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 5Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 6Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 7Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 8Page - Agamem Microelectronic Inc. AA87223AP Datasheet HTML 9Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
2006/7/5
9
Agamem Microelectronics Inc.
AA87223AP
___________________________________________________________
PRELIMINARY
CCD VERTICAL DRIVER
TSSOP 20L PACKAGE DIMENSION
NOTE:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS
2. TOLERANCE +-0.1mm UNLESS OTHERWISE SPECIFIED
3. COPLANARITY: 0.1mm
4. CONTROLLOMG DIMENSION IS MILLIMETER. CONVERTED INCH DIMENSIONS ARE
NOT NECESSARILY EXACT.
5. FOLLOWED FROM JEDEC MO-153
DIMENSIONS IN MILLIMETERS DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
1.20
-
-
0.048
A1
0.05
-
0.15
0.002
-
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-
0.30
0.007
-
0.012
C
0.09
-
0.20
0.004
-
0.008
D
6.40
6.50
6.60
0.252
0.256
0.260
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
-
0.65
-
-
0.026
-
L
0.45
0.60
0.75
0.018
0.024
0.030
y
-
-
0.10
-
-
0.004
θ
-
-


Similar Part No. - AA87223AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
More results

Similar Description - AA87223AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
   CCD VERTICAL DRIVER
logo
Holtek Semiconductor In...
HT82V804 HOLTEK-HT82V804 Datasheet
95Kb / 9P
   CCD 4CH Vertical Driver
logo
Sony Corporation
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
   CCD Vertical Clock Driver
logo
Samsung semiconductor
KS7221D SAMSUNG-KS7221D Datasheet
110Kb / 7P
   VERTICAL DRIVER FOR CCD
logo
Sony Corporation
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
   CCD Vertical Clock Driver
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
   VERTICAL DRIVER FOR CCD SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com