Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C256B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C256B
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C256B Datasheet HTML 5Page - ATMEL Corporation AT24C256B Datasheet HTML 6Page - ATMEL Corporation AT24C256B Datasheet HTML 7Page - ATMEL Corporation AT24C256B Datasheet HTML 8Page - ATMEL Corporation AT24C256B Datasheet HTML 9Page - ATMEL Corporation AT24C256B Datasheet HTML 10Page - ATMEL Corporation AT24C256B Datasheet HTML 11Page - ATMEL Corporation AT24C256B Datasheet HTML 12Page - ATMEL Corporation AT24C256B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
5279B–SEEPR–3/08
AT24C256B
5. Device Addressing
The 256K EEPROM requires an 8-bit device address word following a start condition to enable
the chip for a read or write operation (see Figure 5-1). The device address word consists of a
mandatory “1”, “0” sequence for the first four most significant bits as shown. This is common to
all two-wire EEPROM devices.
Figure 5-1.
Device Address
The next three bits are the A2, A1, A0 device address bits to allow as many as eight devices on
the same bus. These bits must compare to their corresponding hardwired input pins. The A2,
A1, and A0 pins use an internal proprietary circuit that biases them to a logic low condition if the
pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high, and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is not made,
the device will return to a standby state.
DATA SECURITY: The AT24C256B has a hardware data protection scheme that allows the user
to write protect the whole memory when the WP pin is at VCC.
MSB
1
0
1
0
A2
A1
A0
R/W
LSB


Similar Part No. - AT24C256B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
726Kb / 24P
   Two-wire Serial EEPROM
AT24C256B-10PU-1.8 ATMEL-AT24C256B-10PU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B-10TU-1.8 ATMEL-AT24C256B-10TU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results

Similar Description - AT24C256B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com