Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C512B-PU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C512B-PU
Description  Two-wire Serial EEPROM 512K (65,536 x 8)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512B-PU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C512B-PU Datasheet HTML 5Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 6Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 7Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 8Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 9Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 10Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 11Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 12Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
5297A–SEEPR–1/08
AT24C512B
4.
Device Addressing
The 512K EEPROM requires an 8-bit device address word following a start condition to enable
the chip for a read or write operation (see Figure 6-1 on page 10). The device address word con-
sists of a mandatory “1”, “0” sequence for the first four most significant bits as shown. This is
common to all two-wire EEPROM devices.
The 512K uses the three device address bits A2, A1, A0 to allow as many as eight devices on
the same bus. These bits must compare to their corresponding hardwired input pins. The A2, A1
and A0 pins use an internal proprietary circuit that biases them to a logic low condition if the pins
are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is not made,
the device will return to a standby state.
DATA SECURITY: The AT24C512B has a hardware data protection scheme that allows the user
to Write Protect the whole memory when the WP pin is at V
CC.
5.
Write Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a “0” and then clock in the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a “0”. The addressing device, such as a microcontroller, then
must terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally-timed write cycle, t
WR, to the nonvolatile memory. All inputs are disabled during this
write cycle and the EEPROM will not respond until the write is complete (see Figure 6-2 on page
10).
PAGE WRITE: The 512K EEPROM is capable of 128-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a
stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 127 more data words. The
EEPROM will respond with a “0” after each data word received. The microcontroller must termi-
nate the page write sequence with a stop condition (see Figure 6-3 on page 11).
The data word address lower 7 bits are internally incremented following the receipt of each data
word. The higher data word address bits are not incremented, retaining the memory page row
location. When the word address, internally generated, reaches the page boundary, the follow-
ing byte is placed at the beginning of the same page. If more than 128 data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten. The address roll over during write is from the last byte of the current page to the first
byte of the same page.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The Read/Write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond with
a “0”, allowing the read or write sequence to continue.


Similar Part No. - AT24C512B-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512B-10PU-1.8 ATMEL-AT24C512B-10PU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
AT24C512B-10TU-1.8 ATMEL-AT24C512B-10TU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
AT24C512B-W1.8-11 ATMEL-AT24C512B-W1.8-11 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
More results

Similar Description - AT24C512B-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512_08 Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
AT24C512B ATMEL-AT24C512B Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
logo
Microchip Technology
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
   I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
logo
AiT Semiconductor Inc.
A24C512 AITSEMI-A24C512 Datasheet
856Kb / 20P
   MEMORY EEPROM 512k BITS (65536 X 8) TWO-WIRE SERIAL
REV2.2
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com