Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C512B-PU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C512B-PU
Description  Two-wire Serial EEPROM 512K (65,536 x 8)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512B-PU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C512B-PU Datasheet HTML 1Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 2Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 3Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 4Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 5Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 6Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 7Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 8Page - ATMEL Corporation AT24C512B-PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
5297A–SEEPR–1/08
AT24C512B
2.
Memory Organization
AT24C512B, 512K SERIAL EEPROM: The 512K is internally organized as 512 pages of 128-bytes each. Random word
addressing requires a 16-bit data word address.
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. VIL min and VIH max are reference only and are not tested.
Table 2-1.
Pin Capacitance(1)
Applicable over recommended operating range from: T
A = 25°C, f = 1.0 MHz, VCC = +1.8V to +5.5V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, SCL)
6
pF
VIN = 0V
Table 2-2.
DC Characteristics
Applicable over recommended operating range from: T
AI = –40°C to +85°C, VCC = +1.8V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
3.6
V
VCC2
Supply Voltage
2.5
5.5
V
I
CC
Supply Current
V
CC = 5.0V
READ at 400 kHz
2.0
mA
ICC
Supply Current
VCC = 5.0V
WRITE at 400 kHz
3.0
mA
ISB1
Standby Current
VCC = 1.8V
VIN = VCC or VSS
1.0
µA
V
CC = 3.6V
3.0
µA
I
SB2
Standby Current
VCC = 2.5V
V
IN = VCC or VSS
2.0
µA
V
CC = 5.5V
6.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage
Current
V
OUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level
(1)
–0.6
V
CC x 0.3
V
VIH
Input High Level
(1)
VCC x 0.7
VCC + 0.5
V
V
OL1
Output Low Level
V
CC = 1.8V
I
OL = 0.15 mA
0.2
V
V
OL2
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V


Similar Part No. - AT24C512B-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512B-10PU-1.8 ATMEL-AT24C512B-10PU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
AT24C512B-10TU-1.8 ATMEL-AT24C512B-10TU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
AT24C512B-W1.8-11 ATMEL-AT24C512B-W1.8-11 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
More results

Similar Description - AT24C512B-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512_08 Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
AT24C512B ATMEL-AT24C512B Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
logo
Microchip Technology
AT24C512C MICROCHIP-AT24C512C Datasheet
1Mb / 43P
   I짼C-Compatible (Two-Wire) Serial EEPROM 512?멚bit (65,536 x 8)
2019-2021
logo
AiT Semiconductor Inc.
A24C512 AITSEMI-A24C512 Datasheet
856Kb / 20P
   MEMORY EEPROM 512k BITS (65536 X 8) TWO-WIRE SERIAL
REV2.2
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com