Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3308B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 3Page - ATMEL Corporation ATSAM3308B Datasheet HTML 4Page - ATMEL Corporation ATSAM3308B Datasheet HTML 5Page - ATMEL Corporation ATSAM3308B Datasheet HTML 6Page - ATMEL Corporation ATSAM3308B Datasheet HTML 7Page - ATMEL Corporation ATSAM3308B Datasheet HTML 8Page - ATMEL Corporation ATSAM3308B Datasheet HTML 9Page - ATMEL Corporation ATSAM3308B Datasheet HTML 10Page - ATMEL Corporation ATSAM3308B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
6090D–DRMSD–12-Feb-07
ATSAM3308B
WSAD3 - 0
82, 81, 77, 76
In
1
Optional word selects for digital audio input. Used for sampling rate
conversion for external incoming digital audio such as AES/BEU or
S/Pdif.
A0
98
In
2
Slave 8-bit interface address. Indicates data/status or data/ctrl transfer
type (CS/RD, low or CS/WR low)
SMPD
98
In
2
SmartMedia presence detect
P0.10
98
In
2
General-purpose input pin
SCLK
98
In
2
Serial slave synchronous interface input clock
CS
100
In
3
Slave 8-bit interface chip select, active low.
P0.11
100
In
3
General-purpose input pin
SYNC
100
In
3
Serial slave synchronous interface input sync signal
WR
1
In
4
Slave 8-bit interface write, active low. D7 - D0 data is sampled by chip
on WR rising edge if CS is low
SMC
1
In
4
SmartMedia configuration. This pin is sensed after power-up. If found
low, it is assumed that a SmartMedia connector is present. The built-in
firmware will wait for SmartMedia SMPD.
P0.12
1
In
4
General-purpose input pin
RD
2
In
5
Slave 8-bit interface read, active low. D7 - D0 data is output when RD
goes low and CS is low
R|B
2
In
5
SmartMedia Ready Busy/ status
P0.13
2
In
5
General-purpose input pin
IRQ
8
Out
6
Slave 8-bit interface interrupt request. High when data is ready to be
transferred from chip to host. Reset by a read from host (CS = 0 and RD
= 0)
SMRE
8
Out
6
SmartMedia read enable (RE), active low
FS0
8
In
6
Frequency sense, sensed at power up. Together with FS1, allows the
firmware to know the operating frequency of the chip (see FS1).
P0.8
8
I/O
6
General-purpose I/O pin
INT
8
Out
6
Serial slave synchronous interface data request, active low.
MIDI_IN
17
In
7
Serial MIDI in
P0.14
17
In
7
General-purpose input pin
SDIN
17
In
7
Serial slave synchronous interface input data
MIDI_OUT
18
Out
8
Serial MIDI out
FS1
18
In
8
Frequency sense, sensed at power up. FS1/FS0 allow firmware to know
operating frequency of chip as follows:
00
6.9552 MHz
01
9.6 MHz
10
11.2896 MHz
11
12.288 MHz
P0.9
18
I/O
8
General-purpose I/O
DABD3 - 0
67, 66, 65, 64
Out
-
Four stereo channels of digital audio output, I2S format
Table 6-1.
Pinout by Pin Name (Continued)
Pin Name
Pin Number
Type
Sharing
Description


Similar Part No. - ATSAM3308B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3308 ATMEL-ATSAM3308 Datasheet
171Kb / 24P
   Combined MIDI-Synthesizer and MP3 Decoder
More results

Similar Description - ATSAM3308B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
   Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
   Audio Processing
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
   TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
   Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com