Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2195 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM2195 Datasheet HTML 1Page - ATMEL Corporation ATSAM2195 Datasheet HTML 2Page - ATMEL Corporation ATSAM2195 Datasheet HTML 3Page - ATMEL Corporation ATSAM2195 Datasheet HTML 4Page - ATMEL Corporation ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
6308A–DRMSD–10-May-07
ATSAM2195
Table 2-2.
Serial MIDI, parallel MIDI (MPU-401)
Pin Name
Pin #
Type
Function
MIDI IN
10
IN
Serial TTL MIDI IN. Connected to the built-in synthesizer at power-up or after
MPU reset. Connected to the D0-D7 bus (read mode) when MPU switched to
UART mode. This pin should be tied HIGH if not used.
D0-D7
15, 16, 17, 18,
22, 23, 24, 25
I/O
8 bit bi-directional bus, under control of CS, RD, WR. These pins have a built-in
pull down. They should be left unconnected if not used
A0
11
IN
Select data(0) or control(1) for write, data(0) or status(1) for read. This pin has a
built-in pull-down. It should be left unconnected if not used.
CS
12
IN
Chip select, active low. This pin has a built-in pull up. It should be left
unconnected if not used.
RD
13
IN
Read, active low. When CS and RD are low, data(A0=0) or status(A0=1) is read
on D0-D7. Read data is acknowledged on the rising edge of RD. This pin has a
built-in pull up. It should be left unconnected if not used.
WR
14
IN
Write, active low. When CS and WR are low, data (A0=0) or control (A0=1) is
written from the D0-D7 bus to the ATSAM2195 on the rising edge of WR. This pin
has a built-in pull up. It should be left unconnected if not used.
IRQ
26
OUT
A rising edge indicates that a MIDI byte is available for read on D0-D7.
Acknowledged by reading the byte.
Table 2-3.
Analog audio group
Pin Name
Pin #
Type
Function
AGNDREF
42
IN
These pin is used as a reference by the internal DAC. It should be connected to a
clean analog ground plane
VREF
41
OUT
Reference voltage. Generated on-chip. Should be stabilized by external
capacitors 10 µF // 100 nF to AGND.
VCM
40
OUT
On-chip output stage common-mode voltage. Should be stabilized by external
capacitors 10 µF // 100 nF to AGND.
VBG
3
OUT
Bandgap voltage. Can be stabilized by capacitors 1µF // 100 nF to AGND. Can be
left unconnected for low-cost application.
AOUTL
1
OUT
Left channel audio output
AOUTR
5
OUT
Right channel audio output
Table 2-4.
Digital audio group
Pin Name
Pin #
Type
Function
OUTLEV
6
IN
Selects the full scale output level for AOUTL and AOUTR.
OUTLEV = 0 for 1.1Vpp
OUTLEV = 1 for 2.2Vpp
If 1.8V single supply (VA33 = 1.8V), OUTLEV should be tied to 0.
DITH0-DITH1
7, 8
IN
Activate a dither signal to reduce eventual noise tones at the output. See Dither
Modes Description.


Similar Part No. - ATSAM2195

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
   Sound Synthesis
ATSAM2193-G ATMEL-ATSAM2193-G Datasheet
130Kb / 14P
   Sound Synthesis
More results

Similar Description - ATSAM2195

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
   Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
   Audio Processing
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
   TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
   Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com